Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS367PW Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HCS367PW
Description  SN74HCS367 Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS367PW Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS367PW Datasheet HTML 1Page - Texas Instruments SN74HCS367PW Datasheet HTML 2Page - Texas Instruments SN74HCS367PW Datasheet HTML 3Page - Texas Instruments SN74HCS367PW Datasheet HTML 4Page - Texas Instruments SN74HCS367PW Datasheet HTML 5Page - Texas Instruments SN74HCS367PW Datasheet HTML 6Page - Texas Instruments SN74HCS367PW Datasheet HTML 7Page - Texas Instruments SN74HCS367PW Datasheet HTML 8Page - Texas Instruments SN74HCS367PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SN74HCS367 Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State
Outputs
1 Features
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
• Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
• Enable or Disable a Digital Signal
• Eliminate Slow or Noisy Input Signals
• Hold a Signal During Controller Reset
• Debounce a Switch
3 Description
The SN74HCS367 is a hex buffer with 3-state outputs
and Schmitt-trigger inputs. The device is configured
into two banks, one with four drivers and one with two
drivers, each controlled by its own output enable pin.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS367PW
TSSOP (16)
5.00 mm × 4.40 mm
SN74HCS367D
SOIC (16)
9.90 mm × 3.90 mm
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
www.ti.com
SN74HCS367
SCLS838 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HCS367
SN74HCS367
SCLS838 – OCTOBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS367PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS367PW TI2-SN74HCS367PW Datasheet
942Kb / 24P
SN74HCS367 Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
OCTOBER 2020
SN74HCS367PW-Q1 TI-SN74HCS367PW-Q1 Datasheet
1Mb / 23P
SN74HCS367-Q1 Automotive Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
SN74HCS367PW-Q1 TI-SN74HCS367PW-Q1 Datasheet
1Mb / 23P
SN74HCS367-Q1 Automotive Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
SN74HCS367PW-Q1 TI-SN74HCS367PW-Q1 Datasheet
2Mb / 30P
SN74HCS367-Q1 Automotive Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
DECEMBER 2021
SN74HCS367PWR TI2-SN74HCS367PWR Datasheet
942Kb / 24P
SN74HCS367 Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
OCTOBER 2020
More results

Similar Description - SN74HCS367PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS365-Q1 TI-SN74HCS365-Q1 Datasheet
1Mb / 23P
SN74HCS365-Q1 Automotive Hex Buffers and Line Drivers with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS365 TI-SN74HCS365 Datasheet
680Kb / 18P
SN74HCS365 Hex Buffers and Line Drivers with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS367-Q1 TI-SN74HCS367-Q1 Datasheet
1Mb / 23P
SN74HCS367-Q1 Automotive Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
SN74HCS365-Q1 TI-SN74HCS365-Q1_V01 Datasheet
1Mb / 24P
SN74HCS365-Q1 Automotive Hex Buffers and Line Drivers with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS367-Q1 TI-SN74HCS367-Q1_V01 Datasheet
1Mb / 23P
SN74HCS367-Q1 Automotive Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
SN74HCS244 TI-SN74HCS244 Datasheet
1Mb / 25P
SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
REVISED OCTOBER 2021
SN74HCS365-Q1 TI-SN74HCS365-Q1_V02 Datasheet
2Mb / 31P
SN74HCS365-Q1 Automotive Hex Buffers and Line Drivers with 3-State Outputs and Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS367-Q1 TI-SN74HCS367-Q1_V02 Datasheet
2Mb / 30P
SN74HCS367-Q1 Automotive Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
DECEMBER 2021
SN74HCS244 TI-SN74HCS244_V01 Datasheet
1Mb / 25P
SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
REVISED OCTOBER 2022
SN74HCS244 TI-SN74HCS244_V02 Datasheet
1Mb / 25P
SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
REVISED OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com