Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3551 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP3551
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3551 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP3551 Datasheet HTML 2Page - Microchip Technology MCP3551 Datasheet HTML 3Page - Microchip Technology MCP3551 Datasheet HTML 4Page - Microchip Technology MCP3551 Datasheet HTML 5Page - Microchip Technology MCP3551 Datasheet HTML 6Page - Microchip Technology MCP3551 Datasheet HTML 7Page - Microchip Technology MCP3551 Datasheet HTML 8Page - Microchip Technology MCP3551 Datasheet HTML 9Page - Microchip Technology MCP3551 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MCP3551/3
DS21950B-page 6
© 2005 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise specified, TA = +25°C, VDD = 5V, VREF = 2.5V, VSS = 0V, VCM = VREF/2, VIN+ = VIN-.
All ppm units use 2*VREF as full-scale range. Unless otherwise noted, graphs apply to entire MCP3551/3 family.
FIGURE 2-1:
INL Error vs. Input Voltage
(VDD = 2.7V).
FIGURE 2-2:
INL Error vs. Input Voltage
(VDD = 5.0V).
FIGURE 2-3:
INL Error vs. Input Voltage
(VDD = 5.0V, VREF = 5V).
FIGURE 2-4:
Maximum INL Error vs.
VREF.
FIGURE 2-5:
Maximum INL Error vs.
Temperature.
FIGURE 2-6:
Output Noise vs. Input
Voltage (VDD = 2.7V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-5
-4
-3
-2
-1
0
1
2
3
4
5
-2.5
-1.5
-0.5
0.5
1.5
2.5
VIN(V)
+125 C
+85 C
-40 C
+25 C
-5
-4
-3
-2
-1
0
1
2
3
4
5
-2.5
-1.5
-0.5
0.5
1.5
2.5
VIN (V)
+125 C
+85 C
+25 C
- 40 C
-10
-8
-6
-4
-2
0
2
4
6
8
10
-5
-4
-3
-2
-1
0
1
2
3
4
5
VIN (V)
+125 C
+85 C
+25 C
-40 C
0
2
4
6
8
10
00.511.522.5
3
3.544.5
5
VREF (V)
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
Temperature (°C)
0
1
2
3
4
5
6
7
8
9
10
-2.5
-1.5
-0.5
0.5
1.5
2.5
V
IN (Volts)
MCP3553
MCP3551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com