Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5093 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5093
Description  three-cell battery charging managment IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5093 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5093 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5093 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5093 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5093 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5093 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5093 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5093 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5093 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5093 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
参数
描述
测试条件
最小值
典型值
最大值
单位
VIN
工作电源电压
13
26
V
VINUVLO
VIN 端欠压保护阈值
VIN 从高往低下降
3.6
V
ΔVINUVLO
VIN 端欠压保护滞回
200
mV
VINOVP
VIN 端过压保护阈值
VIN 从低往高上升
28
V
ΔVINOVP
VIN 端过压保护滞回
1.4
V
VACOK
ACOK 电压阈值
VIN-VBAT
300
mV
IQ
芯片静态电流
VIN=18V
2
mA
ISD
芯片关断电流
VIN=18V
VEN=5V
400
μA
IBAT
电池端泄漏电流
VIN=18V
150
μA
VIN=0V
15
μA
VCC
VCC 端电压输出
VIN=18V
4.5
V
VCV
充电浮充电压
12.474
12.6
12.726
V
ΔVRCH
重充电压阈值
375
mV
VTRK
涓流转恒流电压阈值
7.5
V
VSHORT
电池短路电压阈值
2
V
VOVPB
BAT 端过压保护电压
13.68
V
FSW
最大开关频率
550
KHz
TOFF
上管最小关断时间
180
ns
RH_DS(ON)
上管 NMOS 导通阻抗
从 VIN 端到 SW 端
150
mΩ
RL_DS(ON)
下管 NMOS 导通阻抗
从 SW 端到地
120
mΩ
VSENSE
最大充电电流检测电压
45
50
55
mV
ICC
恒流模式充电电流
RCS=25mΩ
1.8
2
2.2
A
ITC
涓流模式充电电流
10%
ICC
HM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com