Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804549
Description  GMSTBV 2,5/12-G-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Jan 25, 2011
Extract from the online
catalog
 
GMSTBV 2,5/12-G-7,62
Order No.: 1767119
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1767119
 
 
Header, Nominal current: 12 A, Rated voltage (III/2): 630 V, Number
of positions: 12, Pitch: 7.62 mm, Color: green, Metal surface: Sn,
Assembly: Soldering
 
Commercial data
GTIN (EAN)
4
017918
033125
Note
Made-to-order
sales group
E112
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 276 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
8.6 mm
Pitch
7.62 mm
Dimension a
83.82 mm
Number of positions
12


Similar Part No. - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804549 PHOENIX-0804549 Datasheet
141Kb / 5P
GMSTB 2,5/ 3-ST-7,62
0804549 PHOENIX-0804549 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0804549 PHOENIX-0804549 Datasheet
129Kb / 5P
MKDS 5/ 3-7,62
0804549 PHOENIX-0804549 Datasheet
127Kb / 5P
MKDS 5/ 2-7,62
0804549 PHOENIX-0804549 Datasheet
317Kb / 13P
DFK-PC 5/ 2-ST-7,62
More results

Similar Description - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1766563 PHOENIX-1766563 Datasheet
224Kb / 11P
Feed-through header - GMSTBV 2,5/ 2-G-7,62
1766589 PHOENIX-1766589 Datasheet
96Kb / 6P
Base strip - GMSTBV 2,5/ 4-G-7,62
1766615 PHOENIX-1766615 Datasheet
75Kb / 5P
Base strip - GMSTBV 2,5/ 7-G-7,62
1766628 PHOENIX-1766628 Datasheet
75Kb / 5P
Base strip - GMSTBV 2,5/ 8-G-7,62
1766631 PHOENIX-1766631 Datasheet
145Kb / 5P
GMSTBV 2,5/ 9-G-7,62
1766644 PHOENIX-1766644 Datasheet
75Kb / 5P
Base strip - GMSTBV 2,5/10-G-7,62
1766657 PHOENIX-1766657 Datasheet
75Kb / 5P
Base strip - GMSTBV 2,5/11-G-7,62
1829196 PHOENIX-1829196 Datasheet
154Kb / 5P
GMSTBV 2,5/ 6-GF-7,62
1875292 PHOENIX-1875292 Datasheet
56Kb / 3P
Printed-circuit board connector - GMSTBV 2,5/12-GF-7,62 AU
1829170 PHOENIX-1829170 Datasheet
919Kb / 15P
PCB header - GMSTBV 2,5/ 4-GF-7,62
Jan 5, 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com