Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804549
Description  GMSTB 2,5/10-ST-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Jan 25, 2011
Extract from the online
catalog
 
GMSTB 2,5/10-ST-7,62
Order No.: 1767083
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1767083
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 630 V,
Number of positions: 10, Pitch: 7.62 mm, Color: green, Metal surface:
Sn
 
Commercial data
GTIN (EAN)
4
017918
033095
sales group
E113
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 266 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
7.62 mm
Dimension a
68.58 mm
Number of positions
10
Screw thread
M3


Similar Part No. - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804549 PHOENIX-0804549 Datasheet
141Kb / 5P
GMSTB 2,5/ 3-ST-7,62
0804549 PHOENIX-0804549 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0804549 PHOENIX-0804549 Datasheet
129Kb / 5P
MKDS 5/ 3-7,62
0804549 PHOENIX-0804549 Datasheet
127Kb / 5P
MKDS 5/ 2-7,62
0804549 PHOENIX-0804549 Datasheet
317Kb / 13P
DFK-PC 5/ 2-ST-7,62
More results

Similar Description - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1767012 PHOENIX-1767012 Datasheet
141Kb / 5P
GMSTB 2,5/ 3-ST-7,62
1714346 PHOENIX-1714346 Datasheet
128Kb / 5P
GMSTB 2,5 HCV/ 9-ST-7,62
1766990 PHOENIX-1766990 Datasheet
138Kb / 6P
GMSTB 2,5/ 2-ST-7,62
1767025 PHOENIX-1767025 Datasheet
138Kb / 6P
GMSTB 2,5/ 4-ST-7,62
1767038 PHOENIX-1767038 Datasheet
196Kb / 6P
GMSTB 2,5/ 5-ST-7,62
1882214 PHOENIX-1882214 Datasheet
96Kb / 2P
GMSTB 2,5/ 3-ST-7,62 BK
1714359 PHOENIX-1714359 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/10-ST-7,62
1728941 PHOENIX-1728941 Datasheet
96Kb / 2P
GMSTB 2,5/ 2-ST-7,62 BK
1767070 PHOENIX-1767070 Datasheet
141Kb / 5P
GMSTB 2,5/ 9-ST-7,62
1894448 PHOENIX-1894448 Datasheet
96Kb / 2P
GMSTB 2,5/ 4-ST-7,62 BK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com