Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS300-12IO3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CS300-12IO3
Description  Phase Control Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS300-12IO3 Datasheet(HTML) 2 Page - IXYS Corporation

  CS300-12IO3 Datasheet HTML 1Page - IXYS Corporation CS300-12IO3 Datasheet HTML 2Page - IXYS Corporation CS300-12IO3 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 1999 IXYS All rights reserved
2 - 3
0.0
0.5
1.0
1.5
2.0
0
250
500
750
1000
1250
10-2
10-1
100
101
10-1
100
101
102
0
100
200
300
400
500
0
1
2
3
4
I
T
t
gd
V
G
V
I
G
I
G
V
T
A
µs
A
V
mA
Symbol
Test Conditions
Characteristic Values
I
R, ID
T
VJ = TVJM; VR = VRRM; VD = VDRM
≤
40
mA
V
T
I
T
= 1000 A; T
VJ = 25°C
≤
1.43
V
V
T0
For power-loss calculations only (T
VJ = 125°C)
1.0
V
r
T
0.43
m
Ω
V
GT
V
D = 6 V;
T
VJ = 25°C
≤
2.0
V
T
VJ = -40°C
≤
2.8
V
I
GT
V
D = 6 V;
T
VJ = 25°C
≤
150
mA
T
VJ = -40°C
≤
250
mA
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
≤
0.2
V
I
GD
≤
1mA
I
L
T
VJ = 25°C; tP = 10 µs
≤
100
mA
I
G = 0.7 A; diG/dt = 0.7 A/µs
I
H
T
VJ = 25°C; VD = 6 V; RGK = ∞
≤
100
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
≤
2
µs
I
G = 0.7 A; diG/dt = 0.7 A/µs
t
q
T
VJ = TVJM; IT =330 A, tP = 300 µs; di/dt = -20 A/µs
typ.
150
µs
V
R = 100 V; dv/dt = 20 V/µs; VD = 2/3 VDRM
R
thJC
DC current
0.09
K/W
R
thJH
DC current
0.12
K/W
d
S
Creepage distance on surface
1.55
mm
d
A
Strike distance through air
1.55
mm
a
Max. acceleration, 50 Hz
50
m/s2
CS 300
Fig. 1 Gate voltage and gate current
Triggering:
A = no; B = possible; C = safe
Fig. 2 Gate controlled delay time t
gd
a = limit; b = typical
Fig. 3 On-state characteristics
a = typical; b = limit
b
a
a
b
T
VJ=
125°C
T
VJ=
25°C
B
B
B
A
I
GD: TVJ=
25°C
I
GD: TVJ=125°C
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com