Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1250 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CS1250
Description  Phase Control Thyristor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS1250 Datasheet(HTML) 2 Page - IXYS Corporation

  CS1250 Datasheet HTML 1Page - IXYS Corporation CS1250 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
Dimensions in mm (1 mm = 0.0394")
CS 1250
Symbol
Test Conditions
Characteristic Values
I
R, ID
T
VJ = T VJM; VR = VRRM; VD = VDRM
60
mA
V
T
I
T
= 3.14 xI
TAVM ;TVJ = 25°C
1.85
V
V
T0
For power-loss calculations only (T
VJ = 125 °C)
1.0
V
r
T
0.21
m
V
GT
V
D = 12 V;
T
VJ = 25°C
3.0
V
I
GT
V
D = 12 V;
T
VJ = 25°C
300
mA
V
GD
T
VJ = T VJM;VD = 2/3 VDRM
0.25
V
I
L
T
VJ = 25°C; tP = 10 µs
1.0
A
I
G = 2 A; diG/dt = 2 A/µs
I
H
T
VJ = 25°C; VD = 12 V; RGK = ∞≤
0.3
A
t
gd
T
VJ = 25°C; VD = 500 V
2.5
µs
I
G = 2 A; diG/dt = 2 A/µs
t
q
T
VJ = TVJM; IT = 1250 A, tP = 200 µs; di/dt = -10 A/µstyp.
150
µs
V
R = 100 V; dv/dt = 50 V/µs; VD = 2/3 VDRM
R
thJC
DC current
0.02
K/W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com