Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-SC570 Datasheet(PDF) 14 Page - Analog Devices

Part # ADSP-SC570
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC570 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADSP-SC570 Datasheet HTML 10Page - Analog Devices ADSP-SC570 Datasheet HTML 11Page - Analog Devices ADSP-SC570 Datasheet HTML 12Page - Analog Devices ADSP-SC570 Datasheet HTML 13Page - Analog Devices ADSP-SC570 Datasheet HTML 14Page - Analog Devices ADSP-SC570 Datasheet HTML 15Page - Analog Devices ADSP-SC570 Datasheet HTML 16Page - Analog Devices ADSP-SC570 Datasheet HTML 17Page - Analog Devices ADSP-SC570 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 142 page
background image
Rev. B
|
Page 14 of 142
|
June 2018
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
Support for the hardware accelerated hash functions includes
the following:
•SHA-1
• SHA-2 with 224-bit and 256-bit digests
• HMAC transforms for SHA-1 and SHA-2
•MD5
Public key accelerator (PKA) is available to offload computation
intensive public key cryptography operations.
Both a hardware-based nondeterministic random number gen-
erator and pseudorandom number generator are available.
Secure boot is also available with 224-bit elliptic curve digital
signatures ensuring integrity and authenticity of the boot
stream. Optionally, ensuring confidentiality through AES-128
encryption is available.
Employ secure debug to allow only trusted users to access the
system with debug tools.
System Protection Unit (SPU)
The system protection unit (SPU) guards against accidental or
unwanted access to an MMR space of the peripheral by provid-
ing a write protection mechanism. The user can choose and
configure the protected peripherals as well as configure which of
the four system MMR masters (two SHARC+ cores, memory
DMA, and CoreSight debug) the peripherals are guarded
against.
The SPU is also part of the security infrastructure. Along with
providing write protection functionality, the SPU is employed
to define which resources in the system are secure or nonsecure
as well as block access to secure resources from nonsecure
masters.
System Memory Protection Unit (SMPU)
The system memory protection unit (SMPU) provides memory
protection against read and/or write transactions to defined
regions of memory. There are SMPU units in the ADSP-
SC57x/ADSP-2157x processors for each memory space, except
for SHARC L1 and SPI direct memory slave.
The SMPU is also part of the security infrastructure. It allows
the user to protect against arbitrary read and/or write transac-
tions and allows regions of memory to be defined as secure and
prevent nonsecure masters from accessing those memory
regions.
SECURITY FEATURES DISCLAIMER
To our knowledge, the Security Features, when used in accor-
dance with the data sheet and hardware reference manual
specifications, provide a secure method of implementing code
and data safeguards. However, Analog Devices does not guaran-
tee that this technology provides absolute security.
ACCORDINGLY, ANALOG DEVICES HEREBY DISCLAIMS
ANY AND ALL EXPRESS AND IMPLIED WARRANTIES
THAT THE SECURITY FEATURES CANNOT BE
BREACHED, COMPROMISED, OR OTHERWISE
CIRCUMVENTED AND IN NO EVENT SHALL ANALOG
DEVICES BE LIABLE FOR ANY LOSS, DAMAGE,
DESTRUCTION, OR RELEASE OF DATA, INFORMATION,
PHYSICAL PROPERTY, OR INTELLECTUAL PROPERTY.
SAFETY FEATURES
The ADSP-SC57x/ADSP-2157x processors are designed to sup-
port functional safety applications. While the level of safety is
mainly dominated by the system concept, the following primi-
tives are provided by the processors to build a robust safety
concept.
Multiparity Bit Protected SHARC+ Core L1 Memories
In the SHARC+ core L1 memory space, whether SRAM or
cache, multiple parity bits protect each word to detect the single
event upsets that occur in all RAMs. Parity also protects the
cache tags and BTB.
Parity Protected ARM L1 Cache
In the ARM Cortex-A5 L1 cache space, each word is protected
by multiple parity bits to detect the single event upsets that
occur in all RAMs. Parity also protects the cache tags.
Error Correcting Codes (ECC) Protected L2 Memories
Error correcting codes (ECC) correct single event upsets. A sin-
gle error correct/double error detect (SEC/DED) code protects
the L2 memory. By default, ECC is enabled, but it can be dis-
abled on a per bank basis. Single-bit errors correct
transparently. If enabled, dual-bit errors can issue a system
event or fault. ECC protection is fully transparent to the user,
even if L2 memory is read or written by 8-bit or 16-bit entities.
Parity-Protected Peripheral Memories
Parity protection is added to all peripheral memories:
•ASRC
• IIR
•FIR
•USB
•CAN
• CRYPTO
•EMAC
•SDIO
•MLB
•TRACE
CAUTION
This product includes security features that can be
used to protect embedded nonvolatile memory
contents and prevent execution of unauthorized
code. When security is enabled on this device
(either by the ordering party or the subsequent
receiving parties), the ability of Analog Devices to
conduct failure analysis on returned devices is
limited. Contact Analog Devices for details on the
failure analysis limitations for this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com