Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXB0104RGYRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0104RGYRG4
Description  TXB0104 4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 짹15-kV ESD Protection
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXB0104RGYRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TXB0104RGYRG4 Datasheet HTML 1Page - Texas Instruments TXB0104RGYRG4 Datasheet HTML 2Page - Texas Instruments TXB0104RGYRG4 Datasheet HTML 3Page - Texas Instruments TXB0104RGYRG4 Datasheet HTML 4Page - Texas Instruments TXB0104RGYRG4 Datasheet HTML 5Page - Texas Instruments TXB0104RGYRG4 Datasheet HTML 6Page - Texas Instruments TXB0104RGYRG4 Datasheet HTML 7Page - Texas Instruments TXB0104RGYRG4 Datasheet HTML 8Page - Texas Instruments TXB0104RGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
5 Pin Configuration and Functions
4
3
2
1
A
B
C
Figure 5-1. GXU and ZXU Package 12-Pin BGA
Microstar Junior Top View
4
3
2
1
A
B
C
Figure 5-2. NMN Package 12-Pin NFBGA Top View
PLACEHOLDER
D
C
B
A
3 2
1
Figure 5-3. YZT Package 12-Pin DSBGA Top View
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OE
GND
NC
A4
A3
A2
V
CCA
NC
B4
B3
B2
B1
V
CCB
A1
NC − No internal connection
Figure 5-4. D or PW Package 14-Pin SOIC or
TSSOP Top View
Exposed
Center
Pad
1
14
7
8
2
3
4
5
6
13
12
11
10
9
B1
B2
B3
B4
NC
A1
A2
A3
A4
NC
NC − No internal connection
Figure 5-5. RGY Package 14-Pin VQFN With
Exposed Thermal Pad Top View
V
CCB
B1
B2
B3
3
2
6
10
1
4
8
9
11
12
A2
A3
V
CCA
A1
B4
5
7
A4
Figure 5-6. RUT Package 12-Pin UQFN Top View
www.ti.com
TXB0104
SCES650J – APRIL 2006 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TXB0104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com