Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-SC571KSWZ-4 Datasheet(PDF) 22 Page - Analog Devices

Part # ADSP-SC571KSWZ-4
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC571KSWZ-4 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADSP-SC571KSWZ-4 Datasheet HTML 18Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 19Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 20Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 21Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 22Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 23Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 24Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 25Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 142 page
background image
Rev. B
|
Page 22 of 142
|
June 2018
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
The power dissipated by a processor is largely a function of the
clock frequency and the square of the operating voltage. For
example, reducing the clock frequency by 25% results in a 25%
reduction in dynamic power dissipation.
Target Board JTAG Emulator Connector
The Analog Devices DSP tools product line of JTAG emulators
uses the IEEE 1149.1 JTAG test access port of the processors to
monitor and control the target board processor during emula-
tion. The Analog Devices DSP tools product line of JTAG
emulators provides emulation at full processor speed, allowing
inspection and modification of memory, registers, and proces-
sor stacks. The processor JTAG interface ensures the emulator
does not affect target system loading or timing.
For information on JTAG emulator operation, see the appropri-
ate emulator hardware user’s guide at SHARC Processors
Software and Tools.
SYSTEM DEBUG
The processors include various features that allow easy system
debug. These are described in the following sections.
System Watchpoint Unit (SWU)
The system watchpoint unit (SWU) is a single module that
connects to a single system bus and provides transaction moni-
toring. One SWU is attached to the bus going to each system
slave. The SWU provides ports for all system bus address chan-
nel signals. Each SWU contains four match groups of registers
with associated hardware. These four SWU match groups
operate independently but share common event (for example,
interrupt and trigger) outputs.
Debug Access Port (DAP)
Debug access port (DAP) provides IEEE 1149.1 JTAG interface
support through the JTAG debug. The DAP provides an
optional instrumentation trace for both the core and system. It
provides a trace stream that conforms to MIPI System Trace
Protocol version 2 (STPv2).
DEVELOPMENT TOOLS
Analog Devices supports its processors with a complete line of
software and hardware development tools, including an inte-
grated development environment (CrossCore
® Embedded
Studio), evaluation products, emulators, and a variety of soft-
ware add ins.
Integrated Development Environments (IDEs)
For C/C++ software writing and editing, code generation, and
debug support, Analog Devices offers the CrossCore Embedded
Studio integrated development environment (IDE).
CrossCore Embedded Studio is based on the Eclipse framework.
Supporting most Analog Devices processor families, it is the
IDE of choice for processors, including multicore devices.
CrossCore Embedded Studio seamlessly integrates available
software add ins to support real time operating systems, file
systems, TCP/IP stacks, USB stacks, algorithmic software mod-
ules, and evaluation hardware board support packages. For
more information, visit www.analog.com/cces.
EZ-KIT Lite Evaluation Board
For processor evaluation, Analog Devices provides a wide range
of EZ-KIT Lite
® evaluation boards. Including the processor and
key peripherals, the evaluation board also supports on-chip
emulation capabilities and other evaluation and development
features. Various EZ-Extenders
® are also available, which are
daughter cards that deliver additional specialized functionality,
including audio and video processing. For more information
visit www.analog.com.
EZ-KIT Lite Evaluation Kits
For a cost-effective way to learn more about developing with
Analog Devices processors, Analog Devices offer a range of EZ-
KIT Lite evaluation kits. Each evaluation kit includes an EZ-KIT
Lite evaluation board, directions for downloading an evaluation
version of the available IDE(s), a USB cable, and a power supply.
The USB controller on the EZ-KIT Lite board connects to the
USB port of the user PC, enabling the chosen IDE evaluation
suite to emulate the on-board processor in circuit. This permits
users to download, execute, and debug programs for the EZ-
KIT Lite system. It also supports in circuit programming of the
on-board Flash
® device to store user specific boot code,
enabling standalone operation. With the full version of
CrossCore Embedded Studio installed (sold separately), engi-
neers can develop software for supported EZ-KITs or any
custom system utilizing supported Analog Devices processors.
Software Add Ins for CrossCore Embedded Studio
Analog Devices offers software add ins which seamlessly inte-
grate with CrossCore Embedded Studio to extend the
capabilities and reduce development time. Add ins include
board support packages for evaluation hardware, various mid-
dleware packages, and algorithmic modules. Documentation,
help, configuration dialogs, and coding examples present in
these add ins are viewable through the CrossCore Embedded
Studio IDE once the add in is installed.
Table 10. Power Domains
Power Domain
VDD Range
All internal logic
VDD_INT
DDR3/DDR2/LPDDR
VDD_DMC
USB
VDD_USB
HADC/TMU
VDD_HADC
All other I/O (includes SYS, JTAG, and
ports pins)
VDD_EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com