Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFH16N90 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFH16N90
Description  HiPerFET Power MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH16N90 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFH16N90 Datasheet HTML 1Page - IXYS Corporation IXFH16N90 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 1998 IXYS All rights reserved
Symbol
TestConditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
900
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
900
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C16
A
I
DM
T
C = 25°C, pulse width limited by TJM
64
A
I
AR
T
C = 25°C16
A
E
AR
T
C = 25°C45
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25°C
360
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
6
g
Symbol
TestConditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ. max.
V
DSS
V
GS = 0 V, ID = 250µA
900
V
V
GS(th)
V
DS = VGS, ID = 5 mA
2.0
4.5
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100 nA
I
DSS
V
DS = 0.8 • VDSS
T
J =25°C25
µA
V
GS = 0 V
T
J = 125°C
250
µA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
0.65
Ω
Pulse test, t ≤ 300 µs, duty cycle d ≤ 2 %
N-Channel Enhancement Mode
High dv/dt, Low t
rr, HDMOS
TM
Family
TO-247 AD
(IXFH)
Features
l
International standard packages
l
Low R
DS (on) HDMOS
TM
process
l
Rugged polysilicon gate cell structure
l
Unclamped Inductive Switching (UIS)
rated
l
Low package inductance
- easy to drive and to protect
l
Fast intrinsic Rectifier
Applications
l
DC-DC converters
l
Battery chargers
l
Switched-mode and resonant-mode
power supplies
l
DC choppers
l
AC motor control
l
Temperature and lighting controls
Advantages
l
Easy to mount with 1 screw (TO-247)
(isolated mounting screw hole) or
mounting clip or spring (PLUS 247TM)
l
Space savings
l
High power density
(TAB)
HiPerFETTM
Power MOSFETs
97547(2/98)
PLUS247TM
(IXFX)
G
D
C (TAB)
Preliminarydata
IXFH16N90
V
DSS
= 900 V
IXFX16N90
I
D25
=16 A
R
DS(on) = 0.65 W
t
rr £ 200 ns


Similar Part No. - IXFH16N90

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFH16N90 ISC-IXFH16N90 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFH16N90Q IXYS-IXFH16N90Q Datasheet
72Kb / 2P
HiPerFET Power MOSFETs Q-Class
logo
Inchange Semiconductor ...
IXFH16N90Q ISC-IXFH16N90Q Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFH16N90

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
HiPerFET Power MOSFETs
IXFH10N100 IXYS-IXFH10N100 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFH24N50Q IXYS-IXFH24N50Q Datasheet
134Kb / 4P
HiPerFET Power MOSFETs
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
HiPerFET Power MOSFETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com