Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS3559F Datasheet(PDF) 5 Page - Micronas

Part # MAS3559F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3559F Datasheet(HTML) 5 Page - Micronas

  MAS3559F Datasheet HTML 1Page - Micronas MAS3559F Datasheet HTML 2Page - Micronas MAS3559F Datasheet HTML 3Page - Micronas MAS3559F Datasheet HTML 4Page - Micronas MAS3559F Datasheet HTML 5Page - Micronas MAS3559F Datasheet HTML 6Page - Micronas MAS3559F Datasheet HTML 7Page - Micronas MAS3559F Datasheet HTML 8Page - Micronas MAS3559F Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
5
MPEG Layer 2/3, AAC Audio Decoder,
G.729 Annex A Codec
Release Note: Revision bars indicate significant
changes to the previous edition. This data sheet
applies to the MAS 35x9F version B4.
1. Introduction
The MAS 35x9F is a single-chip, low-power MPEG
layer 2/3 and MPEG2-AAC audio stereo decoder. It
also contains the G.729 Annex A speech compression
and decompression technology for use in memory-
based or broadcast applications. Additional functional-
ity is achievable via download software (e.g., CELP
voice decoder, Micronas SC4 (ADPCM) encoder/
decoder).
The MAS 35x9F decoding block accepts compressed
digital data streams as serial bit streams or in parallel
format, and provides serial PCM and S/PDIF output of
decompressed audio. In addition to the signal process-
ing function, the IC incorporates a high-performance
stereo D/A converter, headphone amplifiers, a stereo
A/D converter, a microphone amplifier, and two DC/DC
converters.
Thus, the MAS 35x9F provides a true
“all-in-one”
solution that is ideally suited for highly optimized mem-
ory-based portable music players with integrated
speech recording and playback function.
In MPEG 1 (ISO 11172-3), three hierarchical layers of
compression have been standardized. The most
sophisticated and complex, layer 3, allows compres-
sion rates of approximately 12:1 for mono and stereo
signals while still maintaining CD audio quality. Layer 2
(widely used, e.g., in DVD) achieves a compression of
8:1 without significant losses in audio quality.
The MAS 35x9F supports the “Advanced Audio Cod-
ing” (AAC) that is defined as a part of MPEG 2. AAC
provides compression rates up to 16:1. It defines sev-
eral profiles for different applications. This IC decodes
the “low complexity profile” that is especially optimized
for portable applications.
The MAS 35x9F also implements a voice encoder and
decoder that is compliant to the ITU Standard G.729
Annex A.
SC4 is a proprietary Micronas speech codec technol-
ogy that can be downloaded to the MAS 35x9F, to
allow recording and playing back speech at various
sampling rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com