| Electronic Components Datasheet Search |
|
MAS3539F Datasheet(PDF) 61 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS3539F Datasheet(HTML) 61 Page - Micronas |
|
61 / 92 page ![]() DATA SHEET MAS 35x9F Micronas June 30, 2004; 6251-505-1DS 61 4.3.6.1. PIO Handshake Lines PCS IN The PIO chip select PCS must be set to ‘0’ to activate the PIO in operation mode. PR IN Pin PR must be set to ‘1’ to validate data output from MAS 35x9F PIO pins. PRTR OUT Ready to read. This signal indicates that the MAS 35x9F is able to receive data in PIO input mode. PRTW OUT Ready to write. This pin indicates that MAS 35x9F has data available for PIO output mode. EOD OUT EOD indicates the end of an DMA cycle in the IC’s PIO input mode. In ’serial’ input mode it is used as Demand signal, that indicates that new input data are required. 4.3.7. Serial Input Interface (SDI) SID DATA IN/OUT SII WORD STROBE IN/OUT SIC CLOCK IN/OUT I2S compatible serial interface A for digital audio data. In the standard firmware this interface is not used. Note: Please refer to Bit [0] of Table 3–5 4.3.8. Serial Input Interface B (SDIB) SIBD DATA IN SIBI WORD STROBE IN SIBC CLOCK IN The serial interface B is primarily used as bitstream input interface. The SIBI line must be connected to VSS in the standard application. 4.3.9. Serial Output Interface (SDO) SOD DATA OUT SOI WORD STROBE OUT SOC CLOCK IN/OUT Data, Frame Indication, and Clock line of the serial output interface. The SOI is reconfigurable and can be adapted to several I2S compliant modes. 4.3.10. S/PDIF Input Interface SPDI1 IN SPDI2 IN SPDIR IN SPDIF1 and SPDIF2 are alternative input pins for S/PDIF sources according to the IEC 958 consumer specification are used in conjunction with download software only. A switch at D0:ff6 selects one of these pins at a time. The SPDIR pin is a common reference for both input lines (see Fig. 5–1 on page 89). 4.3.11. S/PDIF Output Interface SPDO OUT The SPDO pin provides an digital output with standard CMOS level that is compliant to the IEC 958 consumer specification. 4.3.12. Analog Input Interfaces In the standard MPEG-decoding DSP firmware the analog inputs are not used. However, they can be selected as a source for the D/A converters (set MIX ADC scale of the D/A Converter Source Mixer, Register 00 06hex in Table 3–16). MICIN IN MICBI IN The MICIN input may be directly used as electret microphone input, which should be connected as described in application information (see Fig. 5–1 on page 89). The MICBI signal provides the supply volt- age for these microphones. INL IN INR IN INL and INR are analog line-in input lines. They are connected to the embedded stereo A/D converter of the MAS 35x9F. The sources should be AC-coupled. The reference ground for these analog input pins is the VREF pin. 4.3.13. Analog Output Interfaces OUTL OUT OUTR OUT OUTL and OUTR are left and right analog outputs, that may be directly connected to the headphones as described in the application information (see Fig. 5–1 on page 89). FILTL IN FILTR IN Connection to input terminal of output amplifier.Can be used to connect a capacitance from OUTL respectively OUTR to FILTL respectively FILTR in parallel to feed- back resistor and thus implement a low pass filter to reduce the out-of-band noise of the DAC. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |