Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS3529F Datasheet(PDF) 61 Page - Micronas

Part # MAS3529F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3529F Datasheet(HTML) 61 Page - Micronas

Back Button MAS3529F Datasheet HTML 57Page - Micronas MAS3529F Datasheet HTML 58Page - Micronas MAS3529F Datasheet HTML 59Page - Micronas MAS3529F Datasheet HTML 60Page - Micronas MAS3529F Datasheet HTML 61Page - Micronas MAS3529F Datasheet HTML 62Page - Micronas MAS3529F Datasheet HTML 63Page - Micronas MAS3529F Datasheet HTML 64Page - Micronas MAS3529F Datasheet HTML 65Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
61
4.3.6.1. PIO Handshake Lines
PCS
IN
The PIO chip select PCS must be set to ‘0’ to activate
the PIO in operation mode.
PR
IN
Pin PR must be set to ‘1’ to validate data output from
MAS 35x9F PIO pins.
PRTR
OUT
Ready
to
read.
This
signal
indicates
that
the
MAS 35x9F is able to receive data in PIO input mode.
PRTW
OUT
Ready to write. This pin indicates that MAS 35x9F has
data available for PIO output mode.
EOD
OUT
EOD indicates the end of an DMA cycle in the IC’s PIO
input mode. In ’serial’ input mode it is used as Demand
signal, that indicates that new input data are required.
4.3.7. Serial Input Interface (SDI)
SID
DATA
IN/OUT
SII
WORD STROBE
IN/OUT
SIC
CLOCK
IN/OUT
I2S compatible serial interface A for digital audio data.
In the standard firmware this interface is not used.
Note: Please refer to Bit [0] of Table 3–5
4.3.8. Serial Input Interface B (SDIB)
SIBD
DATA
IN
SIBI
WORD STROBE
IN
SIBC
CLOCK
IN
The serial interface B is primarily used as bitstream
input interface. The SIBI line must be connected to
VSS in the standard application.
4.3.9. Serial Output Interface (SDO)
SOD
DATA
OUT
SOI
WORD STROBE
OUT
SOC
CLOCK
IN/OUT
Data, Frame Indication, and Clock line of the serial
output interface. The SOI is reconfigurable and can be
adapted to several I2S compliant modes.
4.3.10. S/PDIF Input Interface
SPDI1
IN
SPDI2
IN
SPDIR
IN
SPDIF1 and SPDIF2 are alternative input pins for
S/PDIF sources according to the IEC 958 consumer
specification are used in conjunction with download
software only. A switch at D0:ff6 selects one of these
pins at a time. The SPDIR pin is a common reference
for both input lines (see Fig. 5–1 on page 89).
4.3.11. S/PDIF Output Interface
SPDO
OUT
The SPDO pin provides an digital output with standard
CMOS level that is compliant to the IEC 958 consumer
specification.
4.3.12. Analog Input Interfaces
In the standard MPEG-decoding DSP firmware the
analog inputs are not used. However, they can be
selected as a source for the D/A converters
(set MIX ADC scale of the D/A Converter Source
Mixer, Register 00 06hex in Table 3–16).
MICIN
IN
MICBI
IN
The MICIN input may be directly used as electret
microphone input, which should be connected as
described in application information (see Fig. 5–1 on
page 89). The MICBI signal provides the supply volt-
age for these microphones.
INL
IN
INR
IN
INL and INR are analog line-in input lines. They are
connected to the embedded stereo A/D converter of
the MAS 35x9F. The sources should be AC-coupled.
The reference ground for these analog input pins is the
VREF pin.
4.3.13. Analog Output Interfaces
OUTL
OUT
OUTR
OUT
OUTL and OUTR are left and right analog outputs, that
may be directly connected to the headphones as
described in the application information (see Fig. 5–1
on page 89).
FILTL
IN
FILTR
IN
Connection to input terminal of output amplifier.Can be
used to connect a capacitance from OUTL respectively
OUTR to FILTL respectively FILTR in parallel to feed-
back resistor and thus implement a low pass filter to
reduce the out-of-band noise of the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com