Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGH50N60AS Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGH50N60AS
Description  HiPerFAST IGBT - Surface Mountable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH50N60AS Datasheet(HTML) 2 Page - IXYS Corporation

  IXGH50N60AS Datasheet HTML 1Page - IXYS Corporation IXGH50N60AS Datasheet HTML 2Page - IXYS Corporation IXGH50N60AS Datasheet HTML 3Page - IXYS Corporation IXGH50N60AS Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH50N60A
IXGH50N60AS
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
25
35
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
4000
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
430
pF
C
res
100
pF
Q
g
200
250
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
35
50
nC
Q
gc
80
100
nC
t
d(on)
50
ns
t
ri
210
ns
t
d(off)
200
ns
t
fi
275
400
ns
E
off
4.8
mJ
t
d(on)
50
ns
t
ri
240
ns
E
on
3mJ
t
d(off)
280
ns
t
fi
600
ns
E
off
9.6
mJ
R
thJC
0.50 K/W
R
thCK
0.25
K/W
Inductive load, T
J = 25°
°°°°C
I
C = IC90, VGE = 15 V, L = 30 µH,
V
CE = 0.8 VCES , RG = Roff = 2.7 Ω
Remarks: Switching times may increase
for V
CE (Clamp) > 0.8 • VCES, higher
T
J or increased RG
Inductive load, T
J = 125°
°°°°C
I
C = IC90, VGE = 15 V, L = 30 µH
V
CE = 0.8 V CES, RG = Roff = 2.7 Ω
Remarks: Switching times may increase
for V
CE (Clamp) > 0.8 • VCES ,
higher T
J or increased RG
Min. Recommended Footprint
(Dimensions in inches and (mm))
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
∅ P
1. Gate
2. Collector
3. Emitter
4. Collector
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.83
5.21
.190
.205
A1
2.29
2.54
.090
.100
A2
1.91
2.16
.075
.085
b
1.14
1.40
.045
.055
b1
1.91
2.13
.075
.084
C
0.61
0.80
.024
.031
D
20.80
21.34
.819
.840
E
15.75
16.13
.620
.635
e
5.45
BSC
.215
BSC
L
4.90
5.10
.193
.201
L1
2.70
2.90
.106
.114
L2
2.10
2.30
.083
.091
L3
0.00
0.10
.00
.004
L4
1.90
2.10
.075
.083
ØP
3.55
3.65
.140
.144
Q
5.59
6.20
.220
.244
R
4.32
4.83
.170
.190
S
6.15
BSC
.242
BSC
TO-247 SMD Outline
TO-247 AD Outline



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com