Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXSH30N60 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXSH30N60
Description  Low VCE(sat) IGBT, High Speed IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSH30N60 Datasheet(HTML) 1 Page - IXYS Corporation

  IXSH30N60 Datasheet HTML 1Page - IXYS Corporation IXSH30N60 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 1998 IXYS All rights reserved
TO-247 AD (IXSH)
V
CES
I
C25
V
CE(sat)
600 V
50 A 2.5 V
600 V
50 A 3.0 V
G
C
E
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J = 25°C to 150°C
600
V
V
CGR
T
J = 25°C to 150°C; RGE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C50
A
I
C90
T
C = 90°C30
A
I
CM
T
C = 25°C, 1 ms
100
A
SSOA
V
GE= 15 V, TJ = 125°C, RG = 4.7 Ω
I
CM = 60
A
(RBSOA)
Clamped inductive load, L = 100 µH
@ 0.8 V
CES
t
SC
V
GE= 15 V, VCE = 360 V, TJ = 125°C
10
µs
(SCSOA)
R
G = 33 Ω, non repetitive
P
C
T
C = 25°C
200
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.13/10 Nm/lb.in.
Weight
TO-204 = 18 g, TO-247 = 6 g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
TO-204 AE (IXSM)
C
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
Features
l
International standard packages
l
Guaranteed Short Circuit SOA
capability
l
Low V
CE(sat)
- for low on-state conduction losses
l
High current handling capability
l
MOS Gate turn-on
- drive simplicity
l
Fast Fall Time for switching speeds
up to 20 kHz
Applications
l
AC motor speed control
l
Uninterruptible power supplies (UPS)
l
Welding
Advantages
l
Easy to mount with 1 screw (TO-247)
(isolated mounting screw hole)
l
High power density
Symbol
TestConditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ. max.
BV
CES
I
C
= 250 µA, V
GE = 0 V
600
V
V
GE(th)
I
C
= 2.5 mA, V
CE = VGE
58
V
I
CES
V
CE = 0.8 • VCES
T
J = 25°C
100
µA
V
GE = 0 V
T
J = 125°C1
mA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C
= I
C90, VGE = 15 V
30N60
2.5
V
30N60A
3.0
V
91549H (9/98)
IXSH/IXSM 30N60
IXSH/IXSM 30N60A
Low V
CE(sat) IGBT
High Speed IGBT
Short Circuit SOA Capability


Similar Part No. - IXSH30N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSH30N60AU1 IXYS-IXSH30N60AU1 Datasheet
82Kb / 6P
Low VCE(sat) IGBT with Diode High Speed IGBT with Diode Combi Packs Short Circuit SOA Capability
IXSH30N60B IXYS-IXSH30N60B Datasheet
131Kb / 4P
High Speed IGBT
IXSH30N60B2D1 IXYS-IXSH30N60B2D1 Datasheet
522Kb / 6P
High Speed IGBT with Diode
IXSH30N60BD1 IXYS-IXSH30N60BD1 Datasheet
119Kb / 5P
High Speed IGBT with Diode
IXSH30N60C IXYS-IXSH30N60C Datasheet
131Kb / 4P
High Speed IGBT
More results

Similar Description - IXSH30N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH25N120 IXYS-IXGH25N120 Datasheet
45Kb / 2P
Low VCE(sat) High speed IGBT
IXGH10N60A IXYS-IXGH10N60A Datasheet
56Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGH10N100 IXYS-IXGH10N100 Datasheet
46Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGM17N100 IXYS-IXGM17N100 Datasheet
64Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGM20N60 IXYS-IXGM20N60 Datasheet
64Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGM25N100 IXYS-IXGM25N100 Datasheet
106Kb / 4P
Low VCE(sat), High speed IGBT
IXGM30N60 IXYS-IXGM30N60 Datasheet
64Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGM40N60 IXYS-IXGM40N60 Datasheet
106Kb / 4P
Low VCE(sat) IGBT, High speed IGBT
IXSM25N100 IXYS-IXSM25N100 Datasheet
102Kb / 6P
Low VCE(sat) IGBT, High Speed IGBT
IXSM40N60 IXYS-IXSM40N60 Datasheet
91Kb / 6P
Low VCE(sat) IGBT, High Speed IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com