Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSST Datasheet(PDF) 3 Page - Silicom Ltd.

Part # PBSST
Description  Gigabit Copper Bypass Switch Stand Alone Unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PBSST Datasheet(HTML) 3 Page - Silicom Ltd.

  PBSST Datasheet HTML 1Page - Silicom Ltd. PBSST Datasheet HTML 2Page - Silicom Ltd. PBSST Datasheet HTML 3Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
Operating Temperature:
0°C
– 50°C (32°F – 122°F)
Storage Temperature:
-20°C
–65°C (-4°F–149°F)
EMC Certifications:
Class B
MTBF*:
> 50 years
PBSST: LED and Connector Specifications
LEDs:
(1 ) LED
Blue LED indicating Power /Bypass
Connectors:
(4) Shielded RJ-45 for network data ports
(1) RJ45 Control connector
– Pin 5 5v, Pin 4 GND, pin 1 and pin 2 are shorted
Order Information
P/N
Description
Notes
PBSST
1 Gigabit Copper Bypass Switch
Stand Alone Unit
Supports Gigabit Ethernet (1000Base-T), Fast
Ethernet (100Base-Tx) and Ethernet (10Base-T).
RK-1U-3-PBSS
1U Rack Mount Kit for Three PBSS products
Model P/N /-R
-R: RoHS Compliant / Lead free adapter



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com