Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M20SSD Datasheet(PDF) 2 Page - Silicom Ltd.

Part # M20SSD
Description  U.2 to 4 x M.2 NVMe SSD module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M20SSD Datasheet(HTML) 2 Page - Silicom Ltd.

  M20SSD Datasheet HTML 1Page - Silicom Ltd. M20SSD Datasheet HTML 2Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
PCI Connector:
Multifunction 12 Gb/s 6X Unshielded Connector (SFF-8639)
Chipset Power Consumption:
9.8W without M.2 modules installed
Operating Humidity:
0%
–90%, non-condensing
Operating Temperature:
0°C
– 45°C (32°F – 113
F)
Air flow requirement for this adapter is 200 LFM
Cooling
Fanless Heatsink / TBD LFM
Storage:
-40°C
–65°C (-40°F–149°F)
Regulation:
Card shall meet CE, FCC Class B, ROHS requirements.
Order Information
P/N
Description
Notes
M20SSD
U.2 to 4 x M.2 NVMe SSD module
X4 G3, Based on Avago PEX8724, RoHS compliant
1V3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com