Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC8412LP2FE Datasheet(PDF) 16 Page - Analog Devices

Part # HMC8412LP2FE
Description  Low Noise Amplifier, 0.4 GHz to 11 GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8412LP2FE Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC8412LP2FE Datasheet HTML 10Page - Analog Devices HMC8412LP2FE Datasheet HTML 11Page - Analog Devices HMC8412LP2FE Datasheet HTML 12Page - Analog Devices HMC8412LP2FE Datasheet HTML 13Page - Analog Devices HMC8412LP2FE Datasheet HTML 14Page - Analog Devices HMC8412LP2FE Datasheet HTML 15Page - Analog Devices HMC8412LP2FE Datasheet HTML 16Page - Analog Devices HMC8412LP2FE Datasheet HTML 17Page - Analog Devices HMC8412LP2FE Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
HMC8412
Data Sheet
Rev. 0 | Page 16 of 18
THEORY OF OPERATION
The HMC8412 is a GaAs, MMIC, pHEMT, low noise wideband
amplifier with integrated ac-coupling capacitors and a bias
inductor. A simplified schematic is shown in Figure 59.
The HMC8412 has ac-coupled, single-ended input and output
ports with impedances that are nominally equal to 50 Ω over
the 0.4 GHz to 11 GHz frequency range. No external matching
components are required. To adjust the drain bias current,
connect an external resistor between the RBIAS and VDD pins.
RFIN
RBIAS
RFOUT
VDD
Figure 59. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com