Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS02J Datasheet(PDF) 1 Page - ON Semiconductor

Part # SN54LS02J
Description  QUAD 2-INPUT NOR GATE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN54LS02J Datasheet(HTML) 1 Page - ON Semiconductor

  SN54LS02J Datasheet HTML 1Page - ON Semiconductor SN54LS02J Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5-1
FAST AND LS TTL DATA
QUAD 2-INPUT NOR GATE
14
13
12
11
10
9
123456
VCC
8
7
GND
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
–55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA
SN54/74LS02
QUAD 2-INPUT NOR GATE
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
14
1
D SUFFIX
SOIC
CASE 751A-02


Similar Part No. - SN54LS02J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS02J MOTOROLA-SN54LS02J Datasheet
48Kb / 2P
QUAD 2-INPUT NOR GATE
logo
Texas Instruments
SN54LS02J TI-SN54LS02J Datasheet
654Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54LS02J TI-SN54LS02J Datasheet
968Kb / 25P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54LS02J TI1-SN54LS02J Datasheet
1Mb / 21P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results

Similar Description - SN54LS02J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com