Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTT75N10 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTT75N10
Description  MegaMOS FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT75N10 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTT75N10 Datasheet HTML 1Page - IXYS Corporation IXTT75N10 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTN 58N50
IXTN 61N50
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS = 10 V; ID = 0.5 ID25, pulse test
20
30
S
C
iss
11000
pF
C
oss
V
GS= 0 V, V DS = 25 V, f = 1 MHz
1550
pF
C
rss
225
pF
t
d(on)
30
ns
t
r
V
GS = 10 V, V DS = 0.5 VDSS , ID = 50 A
60
ns
t
d(off)
R
G = 1 Ω (External)
100
ns
t
f
50
ns
Q
g
420
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, I D = ID2
55
nC
Q
gd
160
nC
R
thJC
0.20 K/W
R
thCK
0.05
K/W
Source-Drain Diode
Ratings and Characteristics
(T
J = 25°C unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS
= 0 V
61
A
I
SM
Repetitive; pulse width limited by T
JM
244
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
t
rr
I
F = 50A
,
di/dt = -100 A/µs, V
R = 100 V
800
ns
miniBLOC, SOT-227 B
M4 screws (4x) supplied
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
31.50
31.88
1.240
1.255
B
7.80
8.20
0.307
0.323
C
4.09
4.29
0.161
0.169
D
4.09
4.29
0.161
0.169
E
4.09
4.29
0.161
0.169
F
14.91
15.11
0.587
0.595
G
30.12
30.30
1.186
1.193
H
38.00
38.23
1.496
1.505
J
11.68
12.22
0.460
0.481
K
8.92
9.60
0.351
0.378
L
0.76
0.84
0.030
0.033
M
12.60
12.85
0.496
0.506
N
25.15
25.42
0.990
1.001
O
1.98
2.13
0.078
0.084
P
4.95
5.97
0.195
0.235
Q
26.54
26.90
1.045
1.059
R
3.94
4.42
0.155
0.174
S
4.72
4.85
0.186
0.191
T
24.59
25.07
0.968
0.987
U
-0.05
0.1
-0.002
0.004



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com