Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFP4637WS8RG Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # AFP4637WS8RG
Description  P-Channel 40 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AFP4637WS8RG Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  AFP4637WS8RG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AFP4637WS8RG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AFP4637WS8RG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AFP4637WS8RG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AFP4637WS8RG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AFP4637WS8RG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AFP4637WS8RG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AFP4637WS8RG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd AFP4637WS8RG Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
P-Channel 40 V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
100 % Rg Tested
•
100 % UIS Tested
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Load Switch
•POL
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 85 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
a
Qg (Typ.)
- 40
0.01
0 at VGS = - 10 V
- 16.1
33 nC
0.0
14 at VGS = - 4.5 V
- 13.3
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 16.1
A
TC = 70 °C
- 12.9
TA = 25 °C
- 10.2b, c
TA = 70 °C
- 8.2b, c
Pulsed Drain Current
IDM
- 50
Continous Source-Drain Diode Current
TC = 25 °C
IS
- 5.3
TA = 25 °C
- 2.1b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
- 28
Single Pulse Avalanche Energy
EAS
39
mJ
Maximum Power Dissipation
TC = 25 °C
PD
6.3
W
TC = 70 °C
4
TA = 25 °C
2.5b, c
TA = 70 °C
1.6b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
 10 s
RthJA
37
50
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
16
20
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AFP4637WS8RG
1


Similar Part No. - AFP4637WS8RG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AFP4637S8RG VBSEMI-AFP4637S8RG Datasheet
1,002Kb / 9P
P-Channel 40 V (D-S) MOSFET
More results

Similar Description - AFP4637WS8RG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
P-Channel 40-V (D-S) MOSFET
21-Jan-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
P-Channel 40-V (D-S) MOSFET
02-Mar-09
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
P-Channel 40 V (D-S) MOSFET
31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
P-Channel 40-V (D-S) MOSFET
21-Apr-08
logo
VBsemi Electronics Co.,...
SPP9527WS8RGB VBSEMI-SPP9527WS8RGB Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
SSG4841P VBSEMI-SSG4841P Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
SSM9563GM VBSEMI-SSM9563GM Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com