Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFP4953SS8RG Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # AFP4953SS8RG
Description  Dual P-Channel 30-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AFP4953SS8RG Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  AFP4953SS8RG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AFP4953SS8RG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AFP4953SS8RG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AFP4953SS8RG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AFP4953SS8RG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AFP4953SS8RG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AFP4953SS8RG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AFP4953SS8RG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd AFP4953SS8RG Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Dual P-Channel 30-V (D-S) MOSFET
FEATURES
•
Halogen-free
•TrenchFET® Power MOSFET
• 100 % UIS Tested
APPLICATIONS
•
Load Switches
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
d, e
Qg (Typ.)
- 30
0.02
9 at V
GS = - 10 V
-
7.3
1
7 nC
0.0
39 at V
GS = - 4.5 V
-
6.3
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Maximum under Steady State conditions is 85 °C/W.
d. Based on TC = 25 °C.
e. Limited by package.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
-
7.3e
A
TC = 70 °C
-
7.0e
TA = 25 °C
- 7.3a, b
TA = 70 °C
- 5.9a, b
Pulsed Drain Current
IDM
- 32e
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 4.1
TA = 25 °C
- 2.0a, b
Avalanche Current
L = 0.1 mH
IAS
- 20
Single-Pulse Avalanche Energy
EAS
20
mJ
Maximum Power Dissipation
TC = 25 °C
PD
5.0
W
TC = 70 °C
3.2
TA = 25 °C
2.5a, b
TA = 70 °C
1.6a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, c
t
≤ 10 s
RthJA
38
50
°C/W
Maximum Junction-to-Foot
Steady State
RthJF
20
25
S1
G1
D1
P-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
RoHS
COMPLIANT
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AFP4953SS8RG
1


Similar Part No. - AFP4953SS8RG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AFP4953WSS8RG VBSEMI-AFP4953WSS8RG Datasheet
1Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AFP4953SS8RG

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AF4935 ANACHIP-AF4935 Datasheet
149Kb / 3P
Dual P-Channel 30-V (D-S) MOSFET
Rev. 1.0 Jul 16, 2004
logo
Vishay Siliconix
SI4927DY VISHAY-SI4927DY Datasheet
271Kb / 3P
Dual P-Channel 30-V (D-S) MOSFET
02-Jan-06
SI7941DP VISHAY-SI7941DP Datasheet
274Kb / 3P
Dual P-Channel 30-V (D-S) MOSFET
31-May-04
SI4953DY VISHAY-SI4953DY Datasheet
43Kb / 4P
Dual P-Channel 30-V(D-S) MOSFET
18-Aug-03
SI7921DN VISHAY-SI7921DN Datasheet
186Kb / 5P
Dual P-Channel 30-V (D-S) MOSFET
27-Jun-05
logo
Guangdong Kexin Industr...
KI4953DY KEXIN-KI4953DY Datasheet
50Kb / 2P
Dual P-Channel 30-V(D-S) MOSFET
KI4923DY KEXIN-KI4923DY Datasheet
51Kb / 2P
Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7945DP VISHAY-SI7945DP_06 Datasheet
207Kb / 4P
Dual P-Channel 30-V (D-S) MOSFET
27-Feb-06
SI7997DP VISHAY-SI7997DP Datasheet
482Kb / 13P
Dual P-Channel 30 V (D-S) MOSFET
09-Aug-10
SI3993DV VISHAY-SI3993DV Datasheet
204Kb / 10P
Dual P-Channel 30-V (D-S) MOSFET
02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com