Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SISA4080 Datasheet(PDF) 3 Page - Silicon Supplies

Part # SISA4080
Description  Current Sense Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SISA4080 Datasheet(HTML) 3 Page - Silicon Supplies

  SISA4080 Datasheet HTML 1Page - Silicon Supplies SISA4080 Datasheet HTML 2Page - Silicon Supplies SISA4080 Datasheet HTML 3Page - Silicon Supplies SISA4080 Datasheet HTML 4Page - Silicon Supplies SISA4080 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
www.siliconsupplies.com
Current Sense Amplifier – SiSA4080
Rev 1.0
14/10/20
Absolute Maximum Ratings1 (Voltages referenced to GND unless otherwise stated)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
-0.3 to +80
V
RS+ or RS-
VIN
-0.3 to +80
V
Output Voltage
VOUT
-0.3 to the lesser of +18 or (VCC + 0.3)
V
Differential Input Voltage
VRS+ - VRS-
±80
V
Current into any pin
IIN
±20
mA
Storage Temperature
TSTG
-65 to +150
°C
Operating Junction Temperature
TJ
-40 to 125
°C
Recommended Operating Conditions (Voltages referenced to GND unless otherwise stated)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Operating Temperature
TA
-40
+125
°C
DC Supply Voltage
VCC
4.5
76
V
Common Mode Voltage
VCM
4.5
76
V
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability.
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
25°C
-
±0.1
±0.6
-40 to +85°C
-
-
±1
Input
Offset Voltage
VOS
VCC=VRS+=48V
-40 to +125°C
-
-
±1.2
mV
Input
Bias Current
VCC = VRS+ = 76V
-
5
12
Input
Leakage Current
IRS+ , IRS-
VCC = 0, VRS+ = 76V
-
0.01
2
µA
Full-Scale
Sense Voltage
VSENSE
-
-
±100
-
mV
Gain
AV
-
-
60
-
V/V
25°C
-
±0.1
±0.6
-40 to +85°C
-
-
±1
Gain Error
ΔAV
VCC=VRS+=48V
VSENSE =
10mV to 100mV
-40 to +125°C
-
-
±1.2
%
Power-Supply
Rejection Ratio
PSRR
VRS+ = 48V,VCC = 4.5V to 76V,
VSENSE = 50mV
100
122
-
Common-Mode
Rejection Ratio
CMRR
VCC = 48V,VRS+ = 4.5V to 76V,
VSENSE = 50mV
100
124
-
dB
Input Common-Mode
Voltage Range
2
CMVR
CMRR > 100 dB
4.5
-
76
V
DC Electrical Characteristics
VCC = VRS+ = 4.5V to 76V, VSENSE = (VRS+ - VRS-) = 0V, RLOAD = 100kΩ, TA = -40 to +125°C unless otherwise noted.
2. The common-mode range at the low end of 4.5V applies to the most positive potential at RS+ or RS-. Depending on the polarity of VSENSE and the
device’s gain, either RS+ or RS- can extend below 4.5V by the device’s typical full-scale value of VSENSE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com