Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCC94 Datasheet(PDF) 2 Page - IXYS Corporation

Part # MCC94
Description  High Voltage Thyristor Module High Voltage Thyristor/Diode Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC94 Datasheet(HTML) 2 Page - IXYS Corporation

  MCC94 Datasheet HTML 1Page - IXYS Corporation MCC94 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
Optional accessories for module-type MCC 94 version 1 B
Keyed gate/cathode twin plugs with wire length = 350 mm, gate = yellow, cathode = red
Type ZY 200L
(L = Left for pin pair 4/5)
UL 758, style 1385,
Type ZY 200R
(R = right for pin pair 6/7)
CSA class 5851, guide 460-1-1
1.5
1.6
100
200
0.22
0.11
0.42
0.21
12.7
9.6
50
15
0.85
3.2
0.25
10
150
Dimensions in mm (1 mm = 0.0394")
MCC 94
MCD 94
Symbol
Test Conditions
Characteristic Values
I
RRM, IDRM
T
VJ
= T
VJM; VR = VRRM
mA
V
T
I
T
= 300 A; T
VJ = 25°C
1.74
V
V
T0
For power-loss calculations only (T
VJ = TVJM)V
r
T
m
W
V
GT
V
D
= 6 V;
T
VJ = 25°CV
T
VJ = -40°CV
I
GT
V
D
= 6 V;
T
VJ = 25°CmA
T
VJ = -40°CmA
V
GD
T
VJ
= T
VJM;VD = 2/3 VDRM
V
I
GD
T
VJ
= T
VJM;VD = 2/3 VDRM
mA
I
L
T
VJ = 25°C; VD = 6 V; tP = 30 ms
200
mA
di
G/dt = 0.45 A/ms; IG = 0.45 A
I
H
T
VJ
= 25
°C; V
D = 6 V; RGK = ¥
mA
t
gd
T
VJ
= 25
°C; V
D = 1/2 VDRM
2
ms
di
G/dt = 0.45 A/ms; IG
= 0.45 A
t
q
T
VJ = TVJM; VR = 100 V; VD = 2/3 VDRM; tP = 200 ms
typ.
185
ms
dv/dt = 20 V/
ms; I
T = 150 A; -di/dt = 10 A/ms
Q
S
T
VJ
= T
VJM
170
mC
I
RM
-di/dt = 6 A/
ms; I
T = 50 A
45
A
R
thJC
per thyristor; DC current
K/W
per module
K/W
R
thJK
per thyristor; DC current
K/W
per module
K/W
d
S
Creeping distance on surface
mm
d
A
Creepage distance in air
mm
a
Maximum allowable acceleration
m/s2
10
100
1000
1
10
100
1000
100
101
102
103
104
0.1
1
10
I
G
V
G
mA
mA
I
G
1: I
GT, TVJ = 125°C
2: I
GT, TVJ =
25
°C
3: I
GT, TVJ = -40°C
µs
t
gd
V
4: P
GAV = 0.5 W
5: P
GM =
5 W
6: P
GM = 10 W
I
GD, TVJ = 125°C
3
4
2
1
5
6
Limit
typ.
T
VJ = 25°C
Fig. 1 Gate trigger characteristics
Fig. 2 Gate trigger delay time
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.22
180
°
0.23
120
°
0.25
60
°
0.27
30
°
0.28
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.0066
0.0019
2
0.0678
0.0477
3
0.1456
0.344
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.42
180
°
0.43
120
°
0.45
60
°
0.47
30
°
0.48
Constants for Z
thJK calculation:
iR
thi (K/W)
t
i (s)
1
0.0066
0.0019
2
0.0678
0.0477
3
0.1456
0.344
4
0.2
1.32



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com