Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD5C1BA Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PD5C1BA
Description  P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PD5C1BA Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PD5C1BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PD5C1BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PD5C1BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PD5C1BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PD5C1BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PD5C1BA Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PD5C1BA Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PD5C1BA Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PD5C1BA
P-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
-40
-1.3
-1.8
-2.3
±100
nA
-1
-10
4.3
5.6
5.8
7.8
64
S
6668
830
670
3.8
Ω
138
71
21
31
20
49
291
173
-60
A
-1.3
V
34
nS
19
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
UNITS
IF = -20A, dlF/dt = 100A /mS
VDS = 0V, VGS = ±25V
IDSS
Coss
Crss
td(off)
IS
VDS = VGS, ID = -250mA
trr
Rg
mΩ
IF = -20A, VGS = 0V
Turn-Off Delay Time
2
Gate-Drain Charge
2
VDS =-20V ,ID @ -20A,
VGS=-10V,RGEN=6Ω
td(on)
V(BR)DSS
Gate Threshold Voltage
STATIC
nS
nC
Qg(VGS=-4.5V)
Ciss
V
Qgd
Qgs
tr
pF
Turn-On Delay Time
2
Drain-Source On-State
Resistance
1
RDS(ON)
VGS =0V, VDS = 0V, f = 1MHz
Qrr
Reverse Recovery Charge
Continuous Current
Forward Voltage
1
Reverse Recovery Time
Fall Time
2
tf
VSD
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Rise Time
2
Gate-Source Charge
2
Reverse Transfer Capacitance
Qg(VGS=-10V)
Input Capacitance
Total Gate Charge
2
VDS =-20V,VGS = -10V,
ID = -20A
Gate Resistance
VGS = 0V, VDS = -20V, f = 1MHz
SYMBOL
Output Capacitance
DYNAMIC
VGS = -4.5V, ID = -15A
VDS =-32V, VGS = 0V
mA
VGS(th)
PARAMETER
Zero Gate Voltage Drain Current
gfs
LIMITS
Gate-Body Leakage
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250mA
IGSS
VDS = -5V, ID = -20A
TEST CONDITIONS
Forward Transconductance
1
VDS =-30V, VGS = 0V, TJ = 125°C
VGS = -10V, ID = -20A
REV 1.0
2
2018/3/23



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com