Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C374I-125JC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C374I-125JC
Description  UltraLogic 128-Macrocell Flash CPLD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C374I-125JC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C374I-125JC Datasheet HTML 5Page - Cypress Semiconductor CY7C374I-125JC Datasheet HTML 6Page - Cypress Semiconductor CY7C374I-125JC Datasheet HTML 7Page - Cypress Semiconductor CY7C374I-125JC Datasheet HTML 8Page - Cypress Semiconductor CY7C374I-125JC Datasheet HTML 9Page - Cypress Semiconductor CY7C374I-125JC Datasheet HTML 10Page - Cypress Semiconductor CY7C374I-125JC Datasheet HTML 11Page - Cypress Semiconductor CY7C374I-125JC Datasheet HTML 12Page - Cypress Semiconductor CY7C374I-125JC Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CY7C374i
11
MILITARY SPECIFICATIONS
Group A Subgroup Testing
Document #: 38-00496-C
ISR, UltraLogic, FLASH370, FLASH370i, and
Warp2Sim are trademarks of Cypress Semiconductor Corporation.
Warp2 and Warp3 are registered trademarks of Cypress Semiconductor Corporation.
Ordering Information
Speed
(MHz)
Ordering Code
Package
Name
Package Type
Operating
Range
125
CY7C374i–125AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C374i–125JC
J83
84-Lead Plastic Leaded Chip Carrier
100
CY7C374i–100AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C374i–100JC
J83
84-Lead Plastic Leaded Chip Carrier
83
CY7C374i–83AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C374i–83JC
J83
84-Lead Plastic Leaded Chip Carrier
CY7C374i–83AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C374i–83JI
J83
84-Lead Plastic Leaded Chip Carrier
CY7C374i-83GMB
G84
84-Pin Ceramic Pin Grid Array
Military
CY7C374i–83YMB
Y84
84-Pin Ceramic Leaded Chip Carrier
66
CY7C374i–66AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C374i–66JC
J83
84-Lead Plastic Leaded Chip Carrier
CY7C374i–66AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C374i–66JI
J83
84-Lead Plastic Leaded Chip Carrier
CY7C374i-66GMB
G84
84-Pin Ceramic Pin Grid Array
Military
CY7C374i–66YMB
Y84
84-Pin Ceramic Leaded Chip Carrier
CY7C374iL–66AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C374iL–66JC
J83
84-Lead Plastic Leaded Chip Carrier
DC Characteristics
Parameter
Subgroups
VOH
1, 2, 3
VOL
1, 2, 3
VIH
1, 2, 3
VIL
1, 2, 3
IIX
1, 2, 3
IOZ
1, 2, 3
ICC1
1, 2, 3
Switching Characteristics
Parameter
Subgroups
tPD
9, 10, 11
tPDL
9, 10, 11
tPDLL
9, 10, 11
tCO
9, 10, 11
tICO
9, 10, 11
tICOL
9, 10, 11
tS
9, 10, 11
tSL
9, 10, 11
tH
9, 10, 11
tHL
9, 10, 11
tIS
9, 10, 11
tIH
9, 10, 11
tICS
9, 10, 11
tEA
9, 10, 11
tER
9, 10, 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com