Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD533BA Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PD533BA
Description  P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PD533BA Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PD533BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PD533BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PD533BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PD533BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PD533BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PD533BA
P-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
-40
-1
-1.8
-3
±100
nA
-1
-10
14
20
10
14
50
S
2670
313
222
4.5
Ω
58
29
9
14
29
20
90
41
-50
A
-1.3
V
17
nS
6
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3Package limitation current is -40A.
VDS = -5V, ID = -20A
TEST CONDITIONS
Gate-Body Leakage
Forward Transconductance
1
VDS = -30V, VGS = 0V, TJ = 125°C
VGS =-4.5V, ID =-15A
VGS(th)
VGS = 0V, VDS = -20V, f = 1MHz
SYMBOL
Output Capacitance
DYNAMIC
Qgs
pF
Gate-Source Charge
2
Reverse Transfer Capacitance
Qg(VGS =-10V)
Input Capacitance
Total Gate Charge
2
gfs
Rise Time
2
Qgd
VDS = -20V,ID = -20A
VDS = -32V, VGS = 0V
VGS =-10V, ID =-20A
Fall Time
2
tr
Turn-On Delay Time
2
Drain-Source On-State
Resistance
1
RDS(ON)
Qrr
Reverse Recovery Charge
Continuous Current
3
Forward Voltage
1
Reverse Recovery Time
tf
VSD
nS
VDS = VGS, ID = -250mA
VGS = 0V, ID = -250mA
nC
Qg(VGS =-4.5V)
Ciss
Turn-Off Delay Time
2
Gate-Drain Charge
2
VDS = -20V ,ID @ -20A,
VGS= -10V,RGEN= 6Ω
td(on)
V(BR)DSS
Gate Threshold Voltage
Gate Resistance
VGS =0V, VDS = 0V, f = 1MHz
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
mA
mΩ
IF = -20A, VGS = 0V
IF = -20A, dlF/dt = 100A /mS
VDS = 0V, VGS = ±25V
IDSS
Coss
Crss
td(off)
IS
trr
Rg
PARAMETER
Zero Gate Voltage Drain Current
IGSS
STATIC
Drain-Source Breakdown Voltage
V
LIMITS
UNITS
REV 1.0
2
2015/4/9



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com