Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2903B Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2903B
Description  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2903B Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2903B Datasheet HTML 6Page - Texas Instruments LM2903B Datasheet HTML 7Page - Texas Instruments LM2903B Datasheet HTML 8Page - Texas Instruments LM2903B Datasheet HTML 9Page - Texas Instruments LM2903B Datasheet HTML 10Page - Texas Instruments LM2903B Datasheet HTML 11Page - Texas Instruments LM2903B Datasheet HTML 12Page - Texas Instruments LM2903B Datasheet HTML 13Page - Texas Instruments LM2903B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
7.11 Electrical Characteristics for LM293A and LM393A
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA (1)
LM293A
LM393A
UNIT
MIN
TYP
MAX
VIO
Input offset voltage
VCC = 5 V to 30 V, VO = 1.4 V
VIC = VICR(min)
25°C
1
2
mV
Full range
4
IIO
Input offset current
VO = 1.4 V
25°C
5
50
nA
Full range
150
IIB
Input bias current
VO = 1.4 V
25°C
–25
–250
nA
Full range
–400
VICR
Common-mode input-voltage range(2)
25°C
0 to
VCC – 1.5
V
Full range
0 to
VCC – 2
AVD
Large-signal differential-voltage
amplification
VCC = 15 V, VO = 1.4 V to 11.4 V,
RL ≥ 15 kΩ to VCC
25°C
50
200
V/mV
IOH
High-level output current
VOH = 5 V,
VID = 1 V
25°C
0.1
50
nA
VOH = 30 V,
VID = 1 V
Full range
1
µA
VOL
Low-level output voltage
IOL = 4 mA,
VID = –1 V
25°C
110
400
mV
Full range
700
IOL
Low-level output current
VOL = 1.5 V,
VID = –1 V,
25°C
6
mA
ICC
Supply current
RL = ∞
VCC = 5 V
25°C
0.60
1
mA
VCC = 30 V
Full range
0.72
2.5
(1)
Full range (minimum or maximum) for LM293A is –25°C to 85°C, and for LM393A is 0°C to 70°C. All characteristics are measured with
zero common-mode input voltage, unless otherwise specified.
(2)
The voltage at either input should not be allowed to go negative by more than 0.3 V otherwise output may be incorrect and excessive
input current can flow. The upper end of the common-mode voltage range is limited by VCC – 2V. However only one input needs to be
in the valid common mode range, the other input can go up the maximum VCC level and the comparator provides a proper output state.
Either or both inputs can go to maximum VCC level without damage.
LM393B, LM2903B, LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005AD – OCTOBER 1979 – REVISED OCTOBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM393B LM2903B LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com