Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCC250 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MCC250
Description  Thyristor Modules Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC250 Datasheet(HTML) 1 Page - IXYS Corporation

  MCC250 Datasheet HTML 1Page - IXYS Corporation MCC250 Datasheet HTML 2Page - IXYS Corporation MCC250 Datasheet HTML 3Page - IXYS Corporation MCC250 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2004 IXYS All rights reserved
1 - 4
IXYS reserves the right to change limits, test conditions and dimensions
MCC 250
MCD 250
Symbol
Conditions
Maximum Ratings
I
TRMS, IFRMS
T
VJ = TVJM
450
A
I
TAVM, IFAVM
T
C = 85°C; 180° sine
287
A
I
TSM, IFSM
T
VJ = 45°C
t = 10 ms (50 Hz), sine
9000
A
V
R = 0
t = 8.3 ms (60 Hz), sine
9600
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
7800
A
V
R = 0
t = 8.3 ms (60 Hz), sine
8500
A
∫∫∫∫∫i2dt
T
VJ = 45°C
t = 10 ms (50 Hz), sine
405 000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
380 000
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
304 000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
300 000
A2s
(di/dt)
cr
T
VJ = TVJM;
repetitive, I
T = 860 A
100
A/µs
f = 50 Hz; t
P = 200 µs
V
D =
2/
3 VDRM
I
G = 1 A;
non repetitive, I
T = 290 A
800
A/µs
di
G/dt = 1 A/µs
(dv/dt)
cr
T
VJ = TVJM;VDR =
2/
3 VDRM
1000
V/µs
R
GK =
∞; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM;tP =
30 µs
120
W
I
T = ITAVM;tP = 500 µs
60
W
P
GAV
20
W
V
RGM
10
V
T
VJ
-40...+140
°C
T
VJM
140
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS;
t = 1 min
3000
V~
I
ISOL
≤ 1 mA;
t = 1 s
3600
V~
M
d
Mounting torque (M5)
2.5-5/22-44 Nm/lb.in.
Terminal connection torque (M8)
12-15/106-132 Nm/lb.in.
Weight
Typical including screws
320
g
V
RSM
V
RRM
Type
V
DSM
V
DRM
V
V
Version 1
Version 1
900
800
MCC 250-08io1
MCD 250-08io1
1300
1200
MCC 250-12io1
MCD 250-12io1
1500
1400
MCC 250-14io1
MCD 250-14io1
1700
1600
MCC 250-16io1
MCD 250-16io1
1900
1800
MCC 250-18io1
MCD 250-18io1
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions
Features
• International standard package
• Direct copper bonded Al
2O3 -ceramic
base plate
• Planar passivated chips
• Isolation voltage 3600 V~
• UL registered, E 72873
• Keyed gate/cathode twin pins
Applications
• Motor control
• Power converter
• Heat and temperature control for
industrial furnaces and chemical
processes
• Lighting control
• Contactless switches
Advantages
• Space and weight savings
• Simple mounting
• Improved temperature and power cycling
• Reduced protection circuits
I
TRMS
= 2x450 A
I
TAVM
= 2x287 A
V
RRM = 800-1800 V
Thyristor Modules
Thyristor/Diode Modules
7
6
5
4
2
3
1
MCD
MCC
36 7 1
5 4 2
31
5 4 2


Similar Part No. - MCC250

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC255 IXYS-MCC255 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
logo
New Jersey Semi-Conduct...
MCC255 NJSEMI-MCC255 Datasheet
201Kb / 3P
Thyristor Modules
logo
IXYS Corporation
MCC255-12IO1 IXYS-MCC255-12IO1 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC255-12IO1 IXYS-MCC255-12IO1 Datasheet
345Kb / 6P
Thyristor Module
logo
New Jersey Semi-Conduct...
MCC255-12lO1 NJSEMI-MCC255-12lO1 Datasheet
201Kb / 3P
Thyristor Modules
More results

Similar Description - MCC250

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
Thyristor Modules Thyristor/Diode Modules
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com