Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF34-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REF34-Q1
Description  REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF34-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF34-Q1 Datasheet HTML 9Page - Texas Instruments REF34-Q1 Datasheet HTML 10Page - Texas Instruments REF34-Q1 Datasheet HTML 11Page - Texas Instruments REF34-Q1 Datasheet HTML 12Page - Texas Instruments REF34-Q1 Datasheet HTML 13Page - Texas Instruments REF34-Q1 Datasheet HTML 14Page - Texas Instruments REF34-Q1 Datasheet HTML 15Page - Texas Instruments REF34-Q1 Datasheet HTML 16Page - Texas Instruments REF34-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
9.2 Long-Term Stability
One of the key parameters of the REF34-Q1 references is long-term stability. Typical characteristic expressed
as: curves shows the typical drift value for the REF34-Q1 is 25 ppm from 0 to 1000 hours. This parameter is
characterized by measuring 32 units at regular intervals for a period of 1000 hours. It is important to understand
that long-term stability is not ensured by design and that the output from the device may shift beyond the typical
25 ppm specification at any time. For systems that require highly stable output voltages over long periods of
time, the designer should consider burning in the devices prior to use to minimize the amount of output drift
exhibited by the reference over time
Hours
0
100
200
300
400
500
600
700
800
900 1000
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
D022
Figure 9-4. Long Term Stability - 1000 hours (VREF)
- DBV Package
Hours
0
100
200
300
400
500
600
700
800
900 1000
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
DGKl
DGKl
Figure 9-5. Long Term Stability - 1000 hours (VREF)
- DGK Package
9.3 Thermal Hysteresis
Thermal hysteresis is measured with the REF34-Q1 soldered to a PCB, similar to a real-world application.
Thermal hysteresis for the device is defined as the change in output voltage after operating the device at 25°C,
cycling the device through the specified temperature range, and returning to 25°C. Hysteresis can be expressed
by Equation 1:
6
PRE
POST
HYST
NOM
| V
V
|
V
10
ppm
V
§
·
u
¨
¸
©
¹
(1)
where
• VHYST = thermal hysteresis (in units of ppm)
• VNOM = the specified output voltage
• VPRE = output voltage measured at 25°C pre-temperature cycling
• VPOST = output voltage measured after the device has cycled from 25°C through the specified temperature
range of –40°C to +125°C and returns to 25°C.
www.ti.com
REF34-Q1
SBAS901C – JULY 2018 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: REF34-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com