Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCC312 Datasheet(PDF) 4 Page - IXYS Corporation

Part # MCC312
Description  Thyristor Modules Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC312 Datasheet(HTML) 4 Page - IXYS Corporation

  MCC312 Datasheet HTML 1Page - IXYS Corporation MCC312 Datasheet HTML 2Page - IXYS Corporation MCC312 Datasheet HTML 3Page - IXYS Corporation MCC312 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2000 IXYS All rights reserved
4 - 4
MCC 312
MCD 312
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.120
180
°
0.128
120
°
0.135
60
°
0.153
30
°
0.185
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.0058
0.00054
2
0.031
0.098
3
0.072
0.54
4
0.0112
12
Fig. 9 Transient thermal impedance
junction to heatsink (per thyristor
or diode)
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.160
180
°
0.168
120
°
0.175
60
°
0.193
30
°
0.225
Constants for Z
thJK calculation:
iR
thi (K/W)
t
i (s)
1
0.0058
0.00054
2
0.031
0.098
3
0.072
0.54
4
0.0112
12
5
0.04
12
t
Z
thJK
s
t
10-3
10-2
10-1
100
101
102
0.00
0.05
0.10
0.15
0.20
0.25
K/W
Z
thJC
I
RMS
P
tot
0
25
50
75
100
125
150
0
200
400
600
0
500
1000
1500
2000
2500
3000
0
A
3xMCC312 or
3xMCD312
Circuit
W3
0.2
0.15
0.1
0.07
0.04
0.02
R
thKA K/W
0.3
10-3
10-2
10-1
100
101
102
0.00
0.05
0.10
0.15
0.20
DC
180°
120°
60°
30°
DC
180°
120°
60°
30°
°C
T
A
W
K/W
s
Fig. 8 Transient thermal impedance
junction to case (per thyristor or
diode)
Fig. 7 Three phase AC-controller:
Power dissipation versus RMS
output current and ambient
temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com