Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC1504L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KBPC1504L
Description  IN - LINE SINGLE - PHASE SILICON BRIDGE RECTIFIER VOLTAGE - 50 TO 1000 VOLTS CURRENT - 15.0 AMPERES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KBPC1504L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KBPC1504L Datasheet HTML 1Page - List of Unclassifed Manufacturers KBPC1504L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KBPC15005L THRU KBPC1510L
Figure 2. Typical Instantaneous Forward
Characteristics Per Bridge Element
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
O
TJ = 25 C
PULSE WIDTH = 300 s
1 % DUTY CYCLE
100
10
1.0
0.1
0.01
PERCENT OF RATED PEAK REVERSE VOLTS (%)
Figure 4. Typical Reverse Leakage Characteristics
Per Bridge Element
0
20
40
60
80
100
1000
100
10
1
0.1
0.01
O
TJ = 125 C
O
TJ = 25 C
REVERSE VOLTAGE (VOLTS)
100
10
1
1000
100
10
O
TJ = 25 C
f = 1.0MHz
Vsig = 50m Vp-p
Figure 5. Typical Junction Capacitance Per Bridge Element
NUMBER OF CYCLES AT 60Hz
Figure 3. Maximum Non-repetitive Peak Forward
Surge Current Per Bridge Element
100
10
1
1.0 CYCLE
TJ = TJ MAX
SINGLE SINE-WAVE
(JEDEC METHOD)
500
100
1
O
CASE TEMPERATURE ( C)
Figure 1. Forward Current Derating Curve
0
50
100
150
60Hz RESISTIVE OR
INDUCTIVE LOAD
30
25
20
15
10
5
0
MOUNTED ON A
220 x 220 x 50MM
AL. PLATED HEATSINK
0
10
20
30
40
50
80
70
60
50
40
30
20
10
0
Figure 6. Maximum Power Dissipation
AVERAGE OUTPUT CURRENT (AMPS)
CAPACITIVE LOAD
RESISTIVE OR
INDUCTIVE LOAD
TJ = TJ MAX.
RS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com