Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74V2T14 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V2T14
Description  TRIPLE SCHMITT INVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T14 Datasheet(HTML) 1 Page - STMicroelectronics

  74V2T14 Datasheet HTML 1Page - STMicroelectronics 74V2T14 Datasheet HTML 2Page - STMicroelectronics 74V2T14 Datasheet HTML 3Page - STMicroelectronics 74V2T14 Datasheet HTML 4Page - STMicroelectronics 74V2T14 Datasheet HTML 5Page - STMicroelectronics 74V2T14 Datasheet HTML 6Page - STMicroelectronics 74V2T14 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
June 2003
s
HIGH SPEED: tPD = 5.0ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA =25°C
s
TYPICAL HYSTERESIS:
Vh=700mV at VCC=4.5V
s
POWER DOWN PROTECTION ON INPUT
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =8mA (MIN) at VCC =4.5V
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 4.5V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V2T14 is an advanced high-speed CMOS
TRIPLE SCHMITT INVERTER fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on input and 0
to 7V can be accepted on input with no regard to
the supply voltage. This device can be used to
interface 5V to 3V. Pin configuration and function
are the same as those of the 74V2T04 but the
74V2T14 has hysteresis.
This together with its schmitt trigger function
allows it to be used on line receivers with slow
rise/fall input signals.
The input is equipped with protection circuits
against static discharge, giving it ESD immunity
and transient excess voltage.
74V2T14
TRIPLE SCHMITT INVERTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-8L
74V2T14STR
SOT23-8L


Similar Part No. - 74V2T14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2T125 STMICROELECTRONICS-74V2T125 Datasheet
221Kb / 10P
DUAL BUS BUFFER (3-STATE)
Dec-2001
74V2T125CTR STMICROELECTRONICS-74V2T125CTR Datasheet
221Kb / 10P
DUAL BUS BUFFER (3-STATE)
Dec-2001
74V2T125STR STMICROELECTRONICS-74V2T125STR Datasheet
221Kb / 10P
DUAL BUS BUFFER (3-STATE)
Dec-2001
74V2T125STR STMICROELECTRONICS-74V2T125STR Datasheet
155Kb / 8P
DUAL BUS BUFFER (3-STATE)
Jun-2003
74V2T125 STMICROELECTRONICS-74V2T125_03 Datasheet
155Kb / 8P
DUAL BUS BUFFER (3-STATE)
Jun-2003
More results

Similar Description - 74V2T14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH14FU TOSHIBA-TC7WH14FU Datasheet
199Kb / 6P
TRIPLE SCHMITT INVERTER
logo
STMicroelectronics
74V2G14 STMICROELECTRONICS-74V2G14 Datasheet
129Kb / 8P
TRIPLE SCHMITT INVERTER
Jun-2003
logo
ON Semiconductor
NL37WZ14 ONSEMI-NL37WZ14_06 Datasheet
75Kb / 5P
Triple Schmitt?뭈rigger Inverter
April, 2006 ??Rev. 6
NLX3G14 ONSEMI-NLX3G14 Datasheet
122Kb / 8P
Triple Schmitt-Trigger Inverter
November, 2008 ??Rev. 0
logo
Toshiba Semiconductor
TC7WH14FK TOSHIBA-TC7WH14FK_09 Datasheet
208Kb / 7P
Triple Schmitt Inverter
TC7WH14FKTE85L TOSHIBA-TC7WH14FKTE85L Datasheet
208Kb / 7P
Triple Schmitt Inverter
logo
ON Semiconductor
NLU3G14 ONSEMI-NLU3G14_16 Datasheet
80Kb / 8P
Triple Schmitt-Trigger Inverter
July, 2016 ??Rev. 4
NL37WZ14 ONSEMI-NL37WZ14_12 Datasheet
112Kb / 5P
Triple Schmitt-Trigger Inverter
April, 2012 ??Rev. 8
NL37WZ14 ONSEMI-NL37WZ14_V01 Datasheet
150Kb / 11P
Triple Schmitt-Trigger Inverter
April, 2022 - Rev. 12
logo
Diodes Incorporated
74LVC3G14 DIODES-74LVC3G14 Datasheet
575Kb / 9P
TRIPLE SCHMITT-TRIGGER INVERTER
November 2022 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com