Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDD220 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MDD220
Description  High Power Diode Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MDD220 Datasheet(HTML) 1 Page - IXYS Corporation

  MDD220 Datasheet HTML 1Page - IXYS Corporation MDD220 Datasheet HTML 2Page - IXYS Corporation MDD220 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2004 IXYS All rights reserved
1 - 3
MDD 220
IXYS reserves the right to change limits, test conditions and dimensions
I
FRMS
= 2x450 A
I
FAVM
= 2x270 A
V
RRM = 800-1800 V
Symbol
Test Conditions
Characteristic Values
I
RRM
T
VJ = TVJM; VR = VRRM
40
mA
V
F
I
F = 600 A; TVJ = 25
°C
1.4
V
V
T0
For power-loss calculations only
0.75
V
r
T
T
VJ = TVJM
0.9
m
Ω
R
thJC
per diode; DC current
0.129
K/W
per module
other values
0.065
K/W
R
thJK
per diode; DC current
see Fig. 6/7
0.169
K/W
per module
0.0845
K/W
Q
S
T
VJ = 125
°C, I
F = 400 A; -di/dt = 50 A/
µs
760
µC
I
RM
275
A
d
S
Creepage distance on surface
12.7
mm
d
A
Strike distance through air
9.6
mm
a
Maximum allowable acceleration
50
m/s2
V
RSM
V
RRM
Type
VV
900
800
MDD 220-08N1
1300
1200
MDD 220-12N1
1500
1400
MDD 220-14N1
1700
1600
MDD 220-16N1
1900
1800
MDD 220-18N1
Symbol
Conditions
Maximum Ratings
I
FRMS
T
VJ = TVJM
450
A
I
FAVM
T
C = 100
°C; 180° sine
270
A
I
FSM
T
VJ = 45
°C;
t = 10 ms (50 Hz), sine
8500
A
V
R = 0
t = 8.3 ms (60 Hz), sine
9000
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
7500
A
V
R = 0
t = 8.3 ms (60 Hz), sine
8000
A
∫∫∫∫∫i2dt
T
VJ = 45
°C
t = 10 ms (50 Hz), sine
360 000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
340 000
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
280 000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
260 000
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL
≤ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M5)
2.5-5/22-44 Nm/lb.in.
Terminal connection torque (M8)
12-15/106-132 Nm/lb.in.
Weight
Typical including screws
320
g
Features
• Direct copper bonded Al
2O3 -ceramic
base plate
• Planar passivated chips
• Isolation voltage 3600 V~
• UL registered, E 72873
Applications
• Supplies for DC power equipment
• DC supply for PWM inverter
• Field supply for DC motors
• Battery DC power supplies
Advantages
• Space and weight savings
• Simple mounting
• Improved temperature and power cycling
• Reduced protection circuits
Threaded spacer for higher Anode/Cathode
construction: Type ZY 250, material brass
14
High Power
Diode Modules
31
2
1
3
2
Dimensions in mm (1 mm = 0.0394")
20
12
Data according to IEC 60747 and refer to a single diode unless otherwise stated.


Similar Part No. - MDD220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDD22A104K5 ETC2-MDD22A104K5 Datasheet
185Kb / 10P
Resin Coated Metalized Polyester Film Capacitor
MDD22A104K7.5 ETC2-MDD22A104K7.5 Datasheet
185Kb / 10P
Resin Coated Metalized Polyester Film Capacitor
MDD22A154K5 ETC2-MDD22A154K5 Datasheet
185Kb / 10P
Resin Coated Metalized Polyester Film Capacitor
MDD22A154K7.5 ETC2-MDD22A154K7.5 Datasheet
185Kb / 10P
Resin Coated Metalized Polyester Film Capacitor
MDD22A224K5 ETC2-MDD22A224K5 Datasheet
185Kb / 10P
Resin Coated Metalized Polyester Film Capacitor
More results

Similar Description - MDD220

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L016 IXYS-L016 Datasheet
56Kb / 3P
High Power Diode Modules
MDD255-12N1 IXYS-MDD255-12N1 Datasheet
62Kb / 3P
High Power Diode Modules
logo
International Rectifier
B40J IRF-B40J Datasheet
340Kb / 6P
POWER MODULES DIODE
logo
IXYS Corporation
MDD172 IXYS-MDD172 Datasheet
129Kb / 3P
High Power Diode Modules
MDD142 IXYS-MDD142 Datasheet
131Kb / 3P
HIgh Power Diode Modules
MDD310 IXYS-MDD310 Datasheet
115Kb / 3P
High Power Diode Modules
MDD250 IXYS-MDD250 Datasheet
116Kb / 3P
High Power Diode Modules
MDD312 IXYS-MDD312 Datasheet
260Kb / 4P
High Power Diode Modules
logo
Nell Semiconductor Co.,...
NKT160A NELLSEMI-NKT160A Datasheet
694Kb / 4P
Thyristor/Diode Power Modules
NKT250 NELLSEMI-NKT250_18 Datasheet
676Kb / 4P
Thyristor/Diode Power Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com