Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS192J Datasheet(PDF) 6 Page - ON Semiconductor

Part # SN54LS192J
Description  PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN54LS192J Datasheet(HTML) 6 Page - ON Semiconductor

  SN54LS192J Datasheet HTML 1Page - ON Semiconductor SN54LS192J Datasheet HTML 2Page - ON Semiconductor SN54LS192J Datasheet HTML 3Page - ON Semiconductor SN54LS192J Datasheet HTML 4Page - ON Semiconductor SN54LS192J Datasheet HTML 5Page - ON Semiconductor SN54LS192J Datasheet HTML 6Page - ON Semiconductor SN54LS192J Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5-6
FAST AND LS TTL DATA
SN54/74LS192
• SN54/74LS193
AC SETUP REQUIREMENTS (TA = 25°C)
Sb l
P
Limits
Ui
T
C
di i
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
Any Pulse Width
20
ns
V5 0 V
ts
Data Setup Time
20
ns
VCC =5 0V
th
Data Hold Time
5.0
ns
VCC = 5.0 V
trec
Recovery Time
40
ns
DEFINITIONS OF TERMS
SETUP TIME (ts) is defined as the minimum time required for
the correct logic level to be present at the logic input prior to the
PL transition from LOW-to-HIGH in order to be recognized and
transferred to the outputs.
HOLD TIME (th) is defined as the minimum time following the
PL transition from LOW-to-HIGH that the logic level must be
maintained at the input in order to ensure continued recogni-
tion. A negative HOLD TIME indicates that the correct logic
level may be released prior to the PL transition from
LOW-to-HIGH and still be recognized.
RECOVERY TIME (trec) is defined as the minimum time
required between the end of the reset pulse and the clock
transition from LOW-to-HIGH in order to recognize and
transfer HIGH data to the Q outputs.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com