Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8TAB5 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8TAB5
Description  8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8TAB5 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button COP8TAB5 Datasheet HTML 9Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 10Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 11Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 12Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 13Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 14Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 15Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 16Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
9.0 Pin Descriptions (Continued)
L3 Multi-Input Wake-Up
L2 Multi-Input Wake-Up (optional 1.8V compatible input)
L1 Multi-Input Wake-Up or ACCESS.Bus Serial Clock (op-
tional 1.8V compatible input)
L0 Multi-Input Wake-Up or ACCESS.Bus Serial Data (op-
tional 1.8V compatible input)
10.0 Functional Description
The architecture of the device is a modified Harvard archi-
tecture. With the Harvard architecture, the program memory
(ROM) is separate from the data store memory (RAM). Both
Program Memory and Data Memory have their own separate
addressing space with separate address buses. The archi-
tecture, though based on the Harvard architecture, permits
transfer of data from ROM Memory to RAM.
10.1 CPU REGISTERS
The CPU can do an 8-bit addition, subtraction, logical or shift
operation in one instruction (t
C) cycle time.
20091760
FIGURE 6. I/O Port Configurations
20091761
FIGURE 7. I/O Port Configurations — Output Mode
20091762
FIGURE 8. I/O Port Configurations — Input Mode
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com