Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC4M Datasheet(PDF) 2 Page - ON Semiconductor

Part # MAC4M
Description  TRIACS, Silicon Bidirectional Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC4M Datasheet(HTML) 2 Page - ON Semiconductor

  MAC4M Datasheet HTML 1Page - ON Semiconductor MAC4M Datasheet HTML 2Page - ON Semiconductor MAC4M Datasheet HTML 3Page - ON Semiconductor MAC4M Datasheet HTML 4Page - ON Semiconductor MAC4M Datasheet HTML 5Page - ON Semiconductor MAC4M Datasheet HTML 6Page - ON Semiconductor MAC4M Datasheet HTML 7Page - ON Semiconductor MAC4M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAC4M, MAC4N
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance — Junction to Case
— Junction to Ambient
R
θJC
R
θJA
2.2
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
(VD = Rated VDRM, VRRM; Gate Open)
TJ = 25°C
TJ = 125°C
IDRM,
IRRM
—
—
—
—
0.01
2.0
mA
ON CHARACTERISTICS
Peak On-State Voltage(1)
(ITM = ± 6.0 A)
VTM
—
1.3
1.6
V
Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 100 Ω)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
IGT
8.0
8.0
8.0
12
16
21
35
35
35
mA
Holding Current
(VD = 12 V, Gate Open, Initiating Current = ±200 mA)
IH
6.0
20
35
mA
Latching Current (VD = 12 V, IG = 35 mA)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
IL
—
—
—
25
40
20
60
80
60
mA
Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 Ω)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
VGT
0.5
0.5
0.5
0.8
0.8
0.8
1.3
1.3
1.3
V
DYNAMIC CHARACTERISTICS
Rate of Change of Commutating Current
(VD = 400 V, ITM = 4.0 A, Commutating dv/dt = 18 V/µs, Gate Open,
TJ = 125°C, f = 250 Hz, CL = 5.0 µF, LL = 20 mH, No Snubber)
(di/dt)c
6.0
8.4
—
A/ms
Critical Rate of Rise of Off-State Voltage
(VD = 0.67 x Rated VDRM, Exponential Waveform,
Gate Open, TJ = 125°C)
dv/dt
500
1500
—
V/
µs
Repetitive Critical Rate of Rise of On-State Current
IPK = 50 A; PW = 40
µsec; diG/dt = 200 mA/µsec; f = 60 Hz
di/dt
—
—
10
A/
µs
(1) Pulse Test: Pulse Width
≤ 2.0 ms, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com