Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVRF06 Datasheet(PDF) 3 Page - TDK Electronics

Part # AVRF06
Description  ESD Notch Filters For wireless audio equipment
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVRF06 Datasheet(HTML) 3 Page - TDK Electronics

  AVRF06 Datasheet HTML 1Page - TDK Electronics AVRF06 Datasheet HTML 2Page - TDK Electronics AVRF06 Datasheet HTML 3Page - TDK Electronics AVRF06 Datasheet HTML 4Page - TDK Electronics AVRF06 Datasheet HTML 5Page - TDK Electronics AVRF06 Datasheet HTML 6Page - TDK Electronics AVRF06 Datasheet HTML 7Page - TDK Electronics AVRF06 Datasheet HTML 8Page - TDK Electronics AVRF06 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20200528
(3/10)
notch-filter_commercial_avrf_en.fm
EMC Components
AVRF series
PRODUCT CHARACTERISTICS LIST
ELECTRICAL CHARACTERISTICS
INSERTION LOSS VS. FREQUENCY CHARACTERISTICS
INSERTION LOSS VS. FREQUENCY CHARACTERISTICS
 Application: WiFi / Bluetooth
CURRENT VS. VOLTAGE CHARACTERISTICS
Item
Insertion loss
IL
Rated voltage
Vdc
Breakdown voltage
I=1mA
Vbr
Capacitance
f=1MHz, osc=1Vrms
C
ESD voltage amount
IEC61000-4-2
Application
(dB)
(V)
(V)
(pF)
150pF/330
AVRF060V600MT102
20min.(1GHz)
3.5
6.8typ.
60 (48 to 72)
8kV
Cellular
AVRF060W650MT102
20min.(1GHz)
5.5
8typ.
65 (52 to 78)
8kV
Cellular
AVRF061P160MT212
20min.(2.1GHz)
12
20typ.
16 (12.8 to 19.2)
8kV
Cellular/WiFi/Bluetooth
AVRF060X100LT242
20min.(2.4GHz)
7
12.8typ.
10 (8.5 to 11.5)
8kV
WiFi/Bluetooth
AVRF060X8R2LT272
20min.(2.7GHz)
7
12.8typ.
8.2 (6.97 to 9.43)
8kV
WiFi/Bluetooth
AVRF101U6R8KT242
20min.(2.4GHz)
28
39typ.
6.8 (6.12 to 7.48)
8kV
WiFi/Bluetooth
Frequency(MHz)
40
35
30
25
20
15
10
5
0
10
100
1000
10000
AVRF101U6R8KT242
AVRF061P160MT212
AVRF060W650MT102
AVRF060V600MT102
Frequency(MHz)
30
25
20
15
10
5
0
1000
10000
AVRF101U6R8KT242
AVRF060X100LT242
AVRF060X8R2LT272
010
20
304050
Voltage(V)
10–10
10–2
10–3
10–4
10–5
10–6
10–7
10–8
10–9
AVRF101U6R8KT242
AVRF061P160MT212
AVRF060W650MT102
AVRF060V600MT102
AVRF060X100LT242
AVRF060X8R2LT272



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com