Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI506BZ Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PI506BZ
Description  N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PI506BZ Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PI506BZ Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PI506BZ Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PI506BZ Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PI506BZ Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PI506BZ Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PI506BZ
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
30
1.2
1.7
3
±100
nA
1
10
5.2
9
4.2
6
80
S
1800
270
226
0.9
Ω
43.3
22.9
6.2
11.3
25
24
99
57
68
A
1.2
V
21
nS
12
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3Package limitation current is 40A.
Zero Gate Voltage Drain Current
VDS = VGS, ID = 250mA
VDS = 0V, VGS = ±20V
Gate Threshold Voltage
Drain-Source Breakdown Voltage
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 4.5V, ID = 15A
mA
mΩ
nC
VDS = 10V, ID = 20A
Forward Transconductance
1
Output Capacitance
VGS = 0V, VDS = 15V, f = 1MHz
pF
Ciss
Coss
Input Capacitance
DYNAMIC
Crss
Qg(VGS = 10V)
VDS = 15V, ID = 20A
Gate-Source Charge
2
Gate-Drain Charge
2
Qgs
Gate Resistance
Reverse Transfer Capacitance
Total Gate Charge
2
Qg(VGS = 4.5V)
IGSS
IDSS
Gate-Body Leakage
VDS = 20V, VGS = 0V , TJ = 125 °C
VGS = 10V, ID = 20A
VGS(th)
VGS = 0V, ID = 250mA
V(BR)DSS
Qgd
TEST CONDITIONS
gfs
VDS = 24V, VGS = 0V
V
STATIC
LIMITS
UNITS
PARAMETER
SYMBOL
Rg
trr
Qrr
IS
VSD
IF = 20A, dlF/dt = 100A / mS
Reverse Recovery Charge
Continuous Current
3
Forward Voltage
1
Turn-On Delay Time
2
Rise Time
2
Reverse Recovery Time
Turn-Off Delay Time
2
Fall Time
2
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
nS
VDS = 15V, ID @ 20A,
VGS = 10V, RGEN =6Ω
td(off)
tf
td(on)
tr
IF = 20A, VGS = 0V
VGS = 0V, VDS = 0V, f = 1MHz
REV 1.0
2
2015/3/20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com