Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK351 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCK351
Description  1:10 clock distribution device with 3-State outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK351 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCK351 Datasheet HTML 9Page - NXP Semiconductors PCK351 Datasheet HTML 10Page - NXP Semiconductors PCK351 Datasheet HTML 11Page - NXP Semiconductors PCK351 Datasheet HTML 12Page - NXP Semiconductors PCK351 Datasheet HTML 13Page - NXP Semiconductors PCK351 Datasheet HTML 14Page - NXP Semiconductors PCK351 Datasheet HTML 15Page - NXP Semiconductors PCK351 Datasheet HTML 16Page - NXP Semiconductors PCK351 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Philips Semiconductors
PCK351
1:10 clock distribution device with 3-State outputs
Product data
Rev. 01 — 14 May 2002
13 of 17
9397 750 09791
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Fig 10. SSOP24 package outline (SOT340-1).
UNIT
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.21
0.05
1.80
1.65
0.38
0.25
0.20
0.09
8.4
8.0
5.4
5.2
0.65
1.25
7.9
7.6
0.9
0.7
0.8
0.4
8
0
o
o
0.13
0.1
0.2
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.20 mm maximum per side are not included.
1.03
0.63
SOT340-1
MO-150
95-02-04
99-12-27
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
112
24
13
0.25
y
pin 1 index
0
2.5
5 mm
scale
SSOP24: plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
A
max.
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com