Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK351DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK351DB
Description  1:10 clock distribution device with 3-State outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK351DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK351DB Datasheet HTML 3Page - NXP Semiconductors PCK351DB Datasheet HTML 4Page - NXP Semiconductors PCK351DB Datasheet HTML 5Page - NXP Semiconductors PCK351DB Datasheet HTML 6Page - NXP Semiconductors PCK351DB Datasheet HTML 7Page - NXP Semiconductors PCK351DB Datasheet HTML 8Page - NXP Semiconductors PCK351DB Datasheet HTML 9Page - NXP Semiconductors PCK351DB Datasheet HTML 10Page - NXP Semiconductors PCK351DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Philips Semiconductors
PCK351
1:10 clock distribution device with 3-State outputs
Product data
Rev. 01 — 14 May 2002
7 of 17
9397 750 09791
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
9.
Static characteristics
[1]
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
Table 7:
DC characteristics
Over recommended operating conditions; voltages are referenced to GND (ground = 0 V). Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIK
input diode voltage
VCC = 3.0 V; II = −18 mA
-
-
−1.2
V
VOH
HIGH-level output voltage
VCC = 3.0 V; IOH = −32 mA
2.0
-
-
V
VOL
LOW-level output voltage
VCC = 3.0 V; IOL = 32 mA
-
-
0.5
V
ILI
input leakage current
VCC = 3.6 V; VI = GND or 5.5 V
-
-
±1.0
µA
ILO
output leakage current
VCC = 3.6 V; VO = 2.5 V
−15
-
−150
mA
IOZ
3-State output OFF-state
current
VCC = 3.6 V; VO =3V
[1]
--
±10
µA
ICC
quiescent supply current
VCC = 3.6 V; VI =VCC or GND; IO =0;
outputs HIGH
-
-
0.3
mA
VCC = 3.6 V; VI =VCC or GND; IO =0;
outputs LOW
-
-
25
mA
VCC = 3.6 V; VI =VCC or GND; IO =0;
outputs disabled
-
-
0.3
mA
CI
input capacitance
VCC = 3.3 V; VI =VCC or GND;
f=10MHz
-4
-pF
CO
output capacitance
VCC = 3.3 V; VO =VCC or GND;
f=10MHz
-6
-pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com