Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECLB75W Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # ECLB75W
Description  75 WATT 4:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

ECLB75W Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  ECLB75W Datasheet HTML 1Page - CINCON ELECTRONICS Corporation ECLB75W Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V10
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25
Unless Otherwise Noted
℃
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....……………..............…. 24VDC ................ 9 – 36VDC
Efficiency ................................................……..………............ See Table
48VDC ….…..…. 18 – 75VDC
Isolation Voltage ................ Input/Output ..........…..….….. 2250VDC min.
Input Surge Voltage (100ms max.) ………….. 24VDC ……...... 50VDC max.
Input/Case, Output/Case ..... 1600VDC min.
48VDC ….…... 100VDC max.
Isolation Resistance …..................……….……….………. 10
9 ohm min.
Under Voltage Lockout …………... 24Vin Power Up .……..……. 8.5VDC typ.
Isolation Capacitance ……. Input/Output …..........……..…… 1500pF typ.
24Vin Power Down ….…….. 7.8VDC typ.
Input/Case, Output/Case ……... 1000pF typ.
48Vin Power Up ….….....….16VDC typ.
Switching Frequency .......... Single …. 270KHz typ, Dual … 330KHz typ.
48Vin Power Down ……......15VDC typ.
EMI/RFI ………………………………....…. Six-Sided Continuous Shield
Input Filter (note6) .………………………………..……….……………. PI Type
Operating Ambient Temperature Range ...…..…...…….... -40
to +85
℃
℃
Remote On/Off Control (note3&4)
De-rating, Above 22℃ (note5) …..…. Linearly to Zero Power at +105℃
OUTPUT SPECIFICATIONS:
Case Temperature (note5) …….…………………………….. 105
max.
℃
Voltage Accuracy ………………....………..……….......……...…… ±1.0% max.
Cooling ………………………………………………… Natural Convection
Voltage Balance (Dual) …….…..………………………….…….…. ±1.0% max.
Storage Temperature Range ...……..........……....…....... -55
to +125
℃
℃
Transient Response: 75%~100% Step Load Change
Thermal Shutdown, Case Temp. .………….....................……. 110℃ typ.
Error Band ……..… ±5% Vout Nominal, Recovery Time ……….. <250us
Humidity ................................................. 95% RH max. Non-Condensing
Ripple & Noise, 20MHz BW (Measured with 1uF MLCC)
MTBF … MIL-HDBK-217F, GB, 25
, Full Load
℃
Vo=5V ……..……………………..…….…… 100mV pk-pk max.
Vo=5V 904Khrs typ., Vo=12V 840Khrs typ., Vo=15V 995Khrs typ.
Vo=12V&15V&±12V&±15V ………….…... 150mV pk-pk max
Vo=±12V 792Khrs typ., Vo=±15V 998Khrs typ., Vo=±24V 691Khrs typ.
Vo=±24V ………….…………..………..…... 240mV pk-pk max
Shock/Vibration ……………………..……………… Meet MIL-STD-810F
Temperature Coefficient ....................….………...…..……….. ±0.02%/℃ max.
Dimensions ....................... 2.05x1.20x0.40 inches (52.0x30.5x10.2 mm)
Line Regulation (note1) .……..……. Single/Dual ......................…. ±0.2% max.
Case Material ………………….… Aluminum with Non-Conductive Base
Load Regulation (note2) .……..…. Single/Dual ....................…. ±0.5% max.
Weight ………………………………………………………………….. 39g
Cross Regulation (Dual Output) Load Cross Variation 10%/100% ... ±5% max.
NOTE :
Over Voltage Protection ………………….…….………… Zener or TVS Clamp
1. Measured from high line to low line.
Current Limit ………………………………….…. 110% - 160% Nominal Output
2. Measured from full load to min. load.
Output Short Circuit Protection .............................. Continuous (Hiccup Mode)
3. Logic compatibility … CMOS or open collector TTL, refer to –Vin.
External Trim Adj. Range …………………………………..………. +10%, -20%
Module on
……………...… >3.5VDC to 75VDC or open circuit
Start Up Time ……………………………………………………………. 30ms typ.
Module off ………………..……………….………. 0 to < 1.2VDC
4. Suffix "N" to the model number with negative logic remote on/off
Module on ………….…….……………………..…. 0 to < 1.2 VDC
Module off …………...…..….. >3.5VDC to 75VDC or open circuit
5. Maximum case temperature under any operating condition should
not be exceeded 105
.
℃
6. An external input capacitor 100uF for 48Vin models and 220uF for
24Vin models are recommended to reduce input ripple voltage.
SIZE LB Dimensions:
All Dimensions in Inches[mm]
Millimeters:x.x=±0.5, x.xx=±0.25
Tolerance Inches:x.xx=±0.02, x.xxx=±0.010
CASE LB
1.800[45.72]
2.05[52.0]
Mounting lnserts
M2.5*0.45 Through 2pl.
5
6
7
1
2
3
4
1.43[36.4]
PIN
1
2
3
4
5
6
7
Single Output
PIN CONNECTION
Dual Output
+V Input
+V Input
-V Input
-V Input
+V Output
+V Output
Trim
-V Output
-V Output
Common
Remote On / Off
NP
Trim
BOTTOM VIEW
6pl.-Φ0.039 [1.00]
External Output Trimming
10K Ohms
+Vout
TRIM
-Vout
+Vout
TRIM
-Vout
TRIMPOT
TRIM UP
TRIM DOWN
Derating Curve
ECLB75W-48S15 Typical Derating Curve
105
-40
54
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
120
Ambient Temperature(
oC)
Natural Convection
With Heatsink M-C655



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com