Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE2G4BPI80 Datasheet(PDF) 3 Page - Silicom Ltd.

Part # PE2G4BPI80
Description  Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G4BPI80 Datasheet(HTML) 3 Page - Silicom Ltd.

  PE2G4BPI80 Datasheet HTML 1Page - Silicom Ltd. PE2G4BPI80 Datasheet HTML 2Page - Silicom Ltd. PE2G4BPI80 Datasheet HTML 3Page - Silicom Ltd. PE2G4BPI80 Datasheet HTML 4Page - Silicom Ltd. PE2G4BPI80 Datasheet HTML 5Page - Silicom Ltd. PE2G4BPI80 Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
Auto negotiation:
Auto-negotiation between Full duplex and simplex operations and between 10Mb/s 100Mb/s
speeds and duplex 1000Mb/s.
Data Transfer Rate:
1000 Mb/s, 100 Mb/s and 10 Mb/s in simplex mode per port.
2000Mb/s 200 and 20 Mb/s in full duplex mode per port
Cables and Operating
distance:
10Base-T Category 3, 4, or 5 maximum 50m *
100Base-Tx Category 5 maximum 50m *
1000Base-T Category 5E maximum 50m *
*Theoretical Distance
– Defined as half a distance as stated by the IEEE 802.3 standard
Operating Systems Support
Operating system support:
Windows
Linux
FreeBSD
VMware
General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 2.0 ( 5 GT/s)
Board Size:
Standard height short add-in card 167.64mm X
110.16mm (6.60”X 4.337”)
PCI Express Card Type:
X4
PCI Express Voltage:
+12V +- 8%
PCI Express Connector:
Gold Finger: x4
Controller:
Intel 82580EB
Holder:
Metal Bracket: Full Height/Low profile Height
I/O:
Quad RJ45 located on edge of the board
Weight:
170gr (5.997 oz)
Power Consumption:
Normal mode:
4.68W, 0.39A at 12V: Typical all ports operate at 1000Mb/s.
3.36W, 0.28A at 12V: Typical all ports operate at 100Mb/s.
3.24W, 0.27A at 12V: Typical all ports operate at 10Mb/s.
2.52W, 0.21A at 12V: Typical No link at all ports.
Bypass mode:
2.52W, 0.21A at 12V: Typical Bypass Mode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com