Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804549 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0804549
Description  PC 4 HV/ 8-STF-7,62
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT 0804549 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PC 4 HV/ 8-STF-7,62 Order No.: 1880135
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1880135
PHOENIX CONTACT Inc., USA
Page 4 / 6
http://www.phoenixcon.com
Apr 19, 2012
0805153
SK 7,62/3,8:SO
Marker cards, white, Mounting type: Adhesive, For terminal block
width: 7.62 mm
0803906
SK U/3,8 WH:UNBEDRUCKT
Marker cards, Sheet, white, Unlabeled, Can be labeled with:
Plotter, Office-Drucksysteme, Mounting type: Adhesive
Plug/Adapter
1600027
CP-HCC 4
Coding profile, Color: red
Tools
1205053
SZS 0,6X3,5
Actuation tool, for ST terminal blocks, insulated, also suitable
for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
Additional products
Item
Designation
Description
General
1849998
PCVK 4-7,62
Plug component, Nominal current: 20 A, Rated voltage (III/2): 630
V, Number of positions: 1, Pitch: 7.62 mm, Connection method:
Screw connection, Color: green, Contact surface: Tin
1876246
PCVK 4-7,62-PE
Plug component, Nominal current: 20 A, Rated voltage (III/2): 630
V, Number of positions: 1, Pitch: 7.62 mm, Connection method:
Screw connection, Color: Green-yellow
1838381
UPCV3K 4-G-7,62
Header, Nominal current: 20 A, Rated voltage (III/2): 1000 V,
Number of positions: 1, Pitch: 7.62 mm, The article can be aligned
to create different nos. of positions! Mounting flange: Accessory
Order No. 1881202
Diagrams/Drawings
Diagram
Derating curve for: PC 4 HV/...-ST-7,62 with PC 4/...-G-7,62



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com