Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85320I Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS85320I
Description  LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85320I Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS85320I Datasheet HTML 1Page - Integrated Circuit Systems ICS85320I Datasheet HTML 2Page - Integrated Circuit Systems ICS85320I Datasheet HTML 3Page - Integrated Circuit Systems ICS85320I Datasheet HTML 4Page - Integrated Circuit Systems ICS85320I Datasheet HTML 5Page - Integrated Circuit Systems ICS85320I Datasheet HTML 6Page - Integrated Circuit Systems ICS85320I Datasheet HTML 7Page - Integrated Circuit Systems ICS85320I Datasheet HTML 8Page - Integrated Circuit Systems ICS85320I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
85320AMI
www.icst.com/products/hiperclocks.html
REV. A AUGUST 25, 2004
1
Integrated
Circuit
Systems, Inc.
ICS85320I
LVCMOS / LVTTL-TO-DIFFERENTIAL
2.5V / 3.3V LVPECL TRANSLATOR
GENERAL DESCRIPTION
The ICS85320I is a LVCMOS / LVTTL-to-Differ-
ential 2.5V / 3.3V LVPECL translator and a mem-
ber of the HiPerClocks™family of High Perfor-
mance Clocks Solutions from ICS. The
ICS85320I has a single ended clock input. The
single ended clock input accepts LVCMOS or LVTTL input
levels and translates them to 2.5V / 3.3V LVPECL levels. The
small outline 8-pin SOIC package makes this device ideal for
applications where space, high performance and low power
are important.
FEATURES
• 1 differential 2.5V/3.3V LVPECL output
• LVCMOS/LVTTL CLK input
• CLK accepts the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 267MHz
• Part-to-part skew: 275ps (maximum)
• Additive phase jitter, RMS: 0.05ps (typical)
• 3.3V operating supply voltage
(operating range 3.135V to 3.465V)
• 2.5V operating supply voltage
(operating range 2.375V to 2.625V)
• -40°C to 85°C ambient operating temperature
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS85320I
8-Lead SOIC
3.90mm x 4.92mm x 1.37mm body package
M Package
Top View
nc
Q
nQ
nc
1
2
3
4
Q
nQ
CLK
HiPerClockS™
ICS
VCC
CLK
nc
VEE
8
7
6
5


Similar Part No. - ICS85320I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS85320I IDT-ICS85320I Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
More results

Similar Description - ICS85320I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85322 ICST-ICS85322 Datasheet
126Kb / 13P
DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V/3.3V LVPECL TRANSLATOR
REV. A JULY 31, 2001
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
logo
Integrated Circuit Syst...
ICS85322I ICST-ICS85322I Datasheet
160Kb / 13P
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
REV. B OCTOBER 7, 2003
logo
Integrated Device Techn...
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
ICS85320I IDT-ICS85320I Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
85320 IDT-85320 Datasheet
215Kb / 16P
LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
ICS85322I IDT-ICS85322I Datasheet
302Kb / 16P
Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator
logo
Renesas Technology Corp
85320I RENESAS-85320I Datasheet
376Kb / 17P
LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
DECEMBER 19, 2014 1
85322 RENESAS-85322 Datasheet
323Kb / 14P
Dual LVCMOS / LVTTL-to-Differential 2.5V / 3.3V LVPECL Translator
January 20, 2016
ICS85322I RENESAS-ICS85322I Datasheet
714Kb / 17P
Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator
MARCH 6, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com