Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85320AMI Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS85320AMI
Description  LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85320AMI Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS85320AMI Datasheet HTML 5Page - Integrated Circuit Systems ICS85320AMI Datasheet HTML 6Page - Integrated Circuit Systems ICS85320AMI Datasheet HTML 7Page - Integrated Circuit Systems ICS85320AMI Datasheet HTML 8Page - Integrated Circuit Systems ICS85320AMI Datasheet HTML 9Page - Integrated Circuit Systems ICS85320AMI Datasheet HTML 10Page - Integrated Circuit Systems ICS85320AMI Datasheet HTML 11Page - Integrated Circuit Systems ICS85320AMI Datasheet HTML 12Page - Integrated Circuit Systems ICS85320AMI Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
85320AMI
www.icst.com/products/hiperclocks.html
REV. A AUGUST 25, 2004
9
Integrated
Circuit
Systems, Inc.
ICS85320I
LVCMOS / LVTTL-TO-DIFFERENTIAL
2.5V / 3.3V LVPECL TRANSLATOR
R1
50
(U1-8)
R4
133
R6
133
Optional Termination
R2
50
Clk_in
R7
82.5
Zo = 50 Ohm
C2
0.1uF
R3
50
R5
82.5
C1
10uf
Zo = 50 Ohm
VCC = 3.3V
Zo = 50 Ohm
Zo = 50 Ohm
VCC
VCC = 3.3V
+
-
U1
85320
1
2
3
4
8
7
6
5
nc
Q
nQ
nc
Vcc
Clk
nc
Vee
APPLICATION SCHEMATIC EXAMPLE
Figure 3 shows an example of ICS85320I application schematic.
In this example, the device is operated at V
CC=3.3V. The
decoupling capacitor should be located as close as possible to
the power pin. For LVPECL output termination, only two termi-
FIGURE 3. ICS85320I APPLICATION SCHEMATIC EXAMPLE
nations examples are shown in this schematic. For more termi-
nation approaches, please refer to the LVPECL Termination Ap-
plication Note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com