Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1828362 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1828362
Description  EMC 1,5/ 4-GF-3,81
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1828362 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1828362 Datasheet HTML 1Page - PHOENIX CONTACT 1828362 Datasheet HTML 2Page - PHOENIX CONTACT 1828362 Datasheet HTML 3Page - PHOENIX CONTACT 1828362 Datasheet HTML 4Page - PHOENIX CONTACT 1828362 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 2, 2011
Extract from the online
catalog
 
EMC 1,5/ 4-GF-3,81
Order No.: 1896967
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1896967
 
 
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number
of positions: 4, Pitch: 3.81 mm, Color: green, Metal surface: Sn,
Assembly: Press-in
 
Commercial data
GTIN (EAN)
4
017918
166106
sales group
E105
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 173 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
10.7 mm
Pitch
3.81 mm
Dimension a
11.43 mm
Number of positions
4


Similar Part No. - 1828362

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1828362 PHOENIX-1828362 Datasheet
141Kb / 5P
EMCV 1,5/ 4-GF-3,81
More results

Similar Description - 1828362

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706607 PHOENIX-1706607 Datasheet
70Kb / 3P
DFK-MC 1,5/ 4-GF-3,81 BK
1829361 PHOENIX-1829361 Datasheet
152Kb / 5P
DFK-MC 1,5/ 4-GF-3,81
1830732 PHOENIX-1830732 Datasheet
145Kb / 5P
MCV 1,5/16-GF-3,81
1896983 PHOENIX-1896983 Datasheet
142Kb / 5P
EMC 1,5/ 6-GF-3,81
1879298 PHOENIX-1879298 Datasheet
140Kb / 5P
EMCV 1,5/ 3-GF-3,81
1896970 PHOENIX-1896970 Datasheet
167Kb / 5P
EMC 1,5/ 5-GF-3,81
1897021 PHOENIX-1897021 Datasheet
142Kb / 5P
EMC 1,5/10-GF-3,81
1879308 PHOENIX-1879308 Datasheet
141Kb / 5P
EMCV 1,5/ 4-GF-3,81
1827444 PHOENIX-1827444 Datasheet
369Kb / 10P
PCB header - SMC 1,5/ 4-GF-3,81
02/04/2022
1827884 PHOENIX-1827884 Datasheet
957Kb / 18P
PCB header - MC 1,5/ 4-GF-3,81
Jul 21, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com