Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5890 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5890
Description  Silicon NPN Epitaxial UHF / VHF wide band amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5890 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5890 Datasheet HTML 4Page - Renesas Technology Corp 2SC5890 Datasheet HTML 5Page - Renesas Technology Corp 2SC5890 Datasheet HTML 6Page - Renesas Technology Corp 2SC5890 Datasheet HTML 7Page - Renesas Technology Corp 2SC5890 Datasheet HTML 8Page - Renesas Technology Corp 2SC5890 Datasheet HTML 9Page - Renesas Technology Corp 2SC5890 Datasheet HTML 10Page - Renesas Technology Corp 2SC5890 Datasheet HTML 11Page - Renesas Technology Corp 2SC5890 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2SC5890
Rev.0, Aug. 2002, page 6 of 14
Scale: 8.0 / div.
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
0˚
30˚
–30˚
–60˚
–90˚
–120˚
–150˚
180˚
60˚
90˚
120˚
150˚
Condition: VCE = 5 V, ZO = 50
Ω
100 to 2000 MHz (100 MHz Step)
(IC = 10 mA)
(IC = 30 mA)
(IC = 50 mA)
.2
.4
.6
1
2
5
–10
–5
–3
–2
–1.5
10
5
3
2
1.5
–1
–.8
–.6
–.4
–.2
0
.2
.4
.6
.8
1
1.5
Scale: 0.08 / div.
S12 Parameter vs. Frequency
Condition: VCE = 5 V, ZO = 50
Ω
100 to 2000 MHz (100 MHz Step)
0˚
30˚
–30˚
–60˚
–90˚
–120˚
–150˚
180˚
60˚
90˚
120˚
150˚
4
–4
3 4
.8
S22 Parameter vs. Frequency
Condition: VCE = 5 V, ZO = 50
Ω
100 to 2000 MHz (100 MHz Step)
.2
.4
.6
1
2
5
–10
–5
–3
–2
–1.5
10
5
3
2
1.5
–1
–.8
–.6
–.4
–.2
0
.2
.4
.6
.8
1
1.5
4
–4
3 4
.8
Condition: VCE = 5 V, ZO = 50
Ω
100 to 2000 MHz (100 MHz Step)
(IC = 10 mA)
(IC = 30 mA)
(IC = 50 mA)
(IC = 10 mA)
(IC = 30 mA)
(IC = 50 mA)
(IC = 10 mA)
(IC = 30 mA)
(IC = 50 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com