Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKCP4EB Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PKCP4EB
Description  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PKCP4EB Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PKCP4EB Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PKCP4EB Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PKCP4EB Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PKCP4EB Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PKCP4EB Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PKCP4EB Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PKCP4EB Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PKCP4EB Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD PKCP4EB Datasheet HTML 9Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PKCP4EB
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
20
0.6
0.75
1.2
±30
mA
1
10
1.5
1.9
1
1.3
0.9
1.2
145
S
5920
1118
918
0.9
Ω
VGS =10V
151
VGS =4.5V
74
6.6
27
21
118
191
148
69
A
1.2
V
52
nS
47
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 2.5V, ID = 10A
mΩ
VGS = 4.5V, ID = 10A
V
IF = 15A, dlF/dt = 100A / mS
SYMBOL
V(BR)DSS
TEST CONDITIONS
UNITS
Coss
VDS = 0V, VGS = ±12V
gfs
STATIC
nC
VGS = 0V, VDS = 0V, f = 1MHz
Qgs
mA
DYNAMIC
VDS = 16V, VGS = 0V
pF
IDSS
Qrr
Reverse Recovery Charge
Continuous Current
Forward Voltage
1
Reverse Recovery Time
IS
VSD
Forward Transconductance
1
trr
IF = 15A, VGS = 0V
nS
VDS = 10V,
ID @ 15A, VGS = 10V, RGEN = 6Ω
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
td(on)
tr
td(off)
tf
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
Fall Time
2
Gate Threshold Voltage
Rg
Zero Gate Voltage Drain
Current
IGSS
VDS = VGS, ID = 250mA
VGS = 0V, ID = 250mA
Gate Resistance
VDS = 5V, ID = 15A
Qg
Total Gate Charge
2
Ciss
PARAMETER
Output Capacitance
Drain-Source Breakdown
Voltage
VGS = 10V , ID = 15A
VDS = 10V, VGS = 0V, TJ = 55 °C
Qgd
Crss
Input Capacitance
VGS = 0V, VDS = 10V, f = 1MHz
VDS = 10V,
VGS = 10V, ID = 15A
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
Gate-Body Leakage
VGS(th)
LIMITS
REV 1.0
2
2018/3/29



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com